Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSN2000F Datasheet(PDF) 1 Page - Maxwell Technologies

Part # HSN2000F
Description  Nuclear Event Detector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

HSN2000F Datasheet(HTML) 1 Page - Maxwell Technologies

  HSN2000F Datasheet HTML 1Page - Maxwell Technologies HSN2000F Datasheet HTML 2Page - Maxwell Technologies HSN2000F Datasheet HTML 3Page - Maxwell Technologies HSN2000F Datasheet HTML 4Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
All data sheets are subject to change without notice
(858) 503-3300 - Fax: (858) 503-3301 - www.maxwell.com
Nuclear Event Detector
HSN-2000
©2005 Maxwell Technologies
All rights reserved.
01.07.05 Rev 3
FEATURES:
•
Detects ionizing radiation pulses
•
Tested/certified detection threshold level
•
Adjustable circumvention period
•
100% testable with built-in test
•
Detection threshold adjustability
•
Single +5V operation
•
Designed-in radiation hardness
•
Compliant to MIL-PRF-38534 Class H1
•
Flat pack (F) or DIP (L) packages
RADIATION HARDNESS
CHARACTERISTICS
•
Dose Rate (operate-through): 1 x 1012 rad(Si)/sec
•
Total Dose: 1 x 106 rad(Si)
•
Neutron Fluence: 5 x 1013 n/cm2
•
Approximate Detection Range: 2 x 105 - 2 x 107 rad(Si)/sec
•
Maxwell Technologies Specified, Controlled, and Tested
DESCRIPTION:
Maxwell Technologies’ HSN-2000 radiation-hardened Hybrid
Nuclear Event Detector (NED) senses ionizing radiation pulses
generated by a nuclear event, such as the detonation of a nuclear
weapon, and rapidly switches its output from the normal high
state to a low state with a propagation delay time of less than 20
ns. The active low Nuclear Event Detection signal (NED) is used
to initiate a wide variety of circumvention functions, thus prevent-
ing upset and burnout of electronic components. The NED output
is also used to initiate both hardware and software recovery. This
high-speed, 14-pin hybrid detector is used in electronic systems
as a general-purpose circumvention device to protect memory,
stop data processing, and drive power supply switches as well as
signal clamps.
The HSN-2000 is designed to operate through three critical envi-
ronments: ionizing dose rate [1012 rad(Si)/s], gamma total dose
[106 rad(Si)], and neutron fluence [5 x 1013 n/cm2]. In addition, the
device is designed to function throughout the transient neutron
pulse. The hybrid’s discrete design ensures a controlled response
in these radiation environments as well as immunity to latchup.
The detection level and functionality of a sample of each HSN-
2000 production lot are tested in an ionizing dose rate environ-
ment. A certificate is provided reporting the test results for the
production lot.
The detection threshold of the HSN-2000 is adjustable within the
range of 2 x 105 rad(Si)/s to 2 x 107 rad(Si)/s. This detection level
can be preset by Maxwell or adjusted by the user. Less than a
30% variation in detection threshold can be expected over the
entire operating temperature range.
1.
Manufactured for Maxwell Technologies by Teledyne Microelectronic
Technologies to MIL-PRF-38534, Class H, no RHA
Logic Diagram
Detector
(Pin Diode)
Amplifier
Pulse Timer
LED
Logic
Latch
12
4
5
7
6
8
9
14
1
2
13
11
V
H
V
L
Threshold
Adjust
V
B
BIT
GND
CRC
Flag
Reset
Flag
Reset
NEF
NED
10 k
Ω
10 k
Ω


Similar Part No. - HSN2000F

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
HSN250F2R5E OHMITE-HSN250F2R5E Datasheet
210Kb / 2P
Aluminum Housed Axial Terminal Wirewound, Industrial/Commercial Grade
HSN250FR05E OHMITE-HSN250FR05E Datasheet
201Kb / 1P
HSN100FR05E Wirewound, Industrial/Commercial Grade
HSN250JR05E OHMITE-HSN250JR05E Datasheet
201Kb / 1P
HSN100FR05E Wirewound, Industrial/Commercial Grade
HSN250KR05E OHMITE-HSN250KR05E Datasheet
201Kb / 1P
HSN100FR05E Wirewound, Industrial/Commercial Grade
logo
Renesas Technology Corp
HSN278WK RENESAS-HSN278WK Datasheet
159Kb / 5P
Silicon Epitaxial Schottky Barrier Diode for Detector
More results

Similar Description - HSN2000F

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
GA100 MICROSEMI-GA100 Datasheet
202Kb / 4P
SCRs Nuclear Radiation Resistant, Planar
logo
Maxwell Technologies
HSN-3000 MAXWELL-HSN-3000 Datasheet
166Kb / 5P
Nuclear Event Detector
logo
Maxim Integrated Produc...
DS1678 MAXIM-DS1678 Datasheet
819Kb / 25P
Real-Time Event Recorder
100405
logo
Maxwell Technologies
HSN-500 MAXWELL-HSN-500 Datasheet
161Kb / 4P
Nuclear Event Detector
HSN-1000 MAXWELL-HSN-1000 Datasheet
161Kb / 4P
Nuclear Event Detector
HSN-2000 MAXWELL-HSN-2000 Datasheet
161Kb / 4P
Nuclear Event Detector
HSN500 MAXWELL-HSN500 Datasheet
166Kb / 4P
Nuclear Event Detector
HSN1000 MAXWELL-HSN1000 Datasheet
167Kb / 4P
Nuclear Event Detector
HSN3000 MAXWELL-HSN3000 Datasheet
172Kb / 5P
Nuclear Event Detector
logo
Keysight Technologies
N5415B KEYSIGHT-N5415B Datasheet
4Mb / 12P
InfiniiScan Event Identification Software
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com