Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC347 Datasheet(PDF) 1 Page - API Technologies Corp

Part # DAC347
Description  Low Power, Wide Temperature Range DACs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

DAC347 Datasheet(HTML) 1 Page - API Technologies Corp

  DAC347 Datasheet HTML 1Page - API Technologies Corp DAC347 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FUNCTIONAL DIAGRAM
Low Power, W ide
Temperature Range D ACs
D AC347
D ata Converter Line
FEATURES
• 10- and 12-bit models
• V ery low power: less than 300 mW
• W ide operating temperature range:
-55 C to +125 C
• M IL-STD-883 Rev. C, Level B or commercial
processing
• 18 pin hermetic package
DESCRIPTION
This Series is specifically designed and tested for low
power operation. The models feature low total
power dissipation of less than 300 mW . Each unit
incorporates a pretrimmed output amplifier and a
low power internal reference.
The DA C347 Series are high performance, general
purpose, digital to analog converters utilizing
matched CM OS current switches and ultra stable thin-
film nichrome resistor networks. A ll DA C347 Series
models provide optimum stability in performance
over the full –55ºC to + 125ºC temperature range.
Unipolar models use complementary binary coding
and bipolar models use complementary offset binary
coding. Each DA C347 Series converter comes
packaged in a hermetically sealed 18-pin package,
ideal for applications where maximum performance
in minimum space is required.
+15V
– 15V
GND
GA IN
A DJ
9
10
11
7
R
R
R
R = 25k
2R
2R
2R
2R
2R
“ 1”
“ 1”
“ 0”
“ 0”
V OLTA GE
REFERENCE
FOR BIPOLA R
M ODELS
R
–
+
S1
S2
S3
S12
1
2
3
18
8
BIT 1
(M SB)
BIT 12
(LSB)
OFFSET
A DJ
BIT 2
BIT 3
12
OUTPUT
165Cedar Hill Street,Marlborough,MA01752 Tel:508.485.6350 Fax: 508.485.5168
www.SpectrumMicrowave.com
º
º


Similar Part No. - DAC347

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3482 TI1-DAC3482 Datasheet
1Mb / 79P
Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3482 TI1-DAC3482 Datasheet
1Mb / 92P
Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI2-DAC3482 Datasheet
2Mb / 107P
DAC3482, Dual-Channel, 16-Bit, 1.25GSPS Digital-to-Analog Converter (DAC)
REVISED JANUARY 2024
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
2Mb / 106P
Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results

Similar Description - DAC347

ManufacturerPart #DatasheetDescription
logo
Epson Company
S2R72A44F12C4 EPSON-S2R72A44F12C4 Datasheet
330Kb / 32P
Wide temperature range Low power consumption
logo
TEMEX
RSX-11 TEMEX-RSX-11 Datasheet
533Kb / 5P
Wide temperature range
RSX1612 TEMEX-RSX1612 Datasheet
977Kb / 7P
Wide temperature range
logo
TE Connectivity Ltd
US300 TEC-US300 Datasheet
199Kb / 6P
Wide Temperature Range
logo
Ironwood Electronics.
GT-QFN-3013 IRONWOOD-GT-QFN-3013 Datasheet
815Kb / 5P
Wide temperature range
logo
AVAGO TECHNOLOGIES LIMI...
ACFL-6211T AVAGO-ACFL-6211T Datasheet
308Kb / 13P
Automotive Wide Temperature Range
logo
STANLEY ELECTRIC CO.,LT...
HFTV1108GS-TR STANLEY-HFTV1108GS-TR Datasheet
735Kb / 24P
Wide temperature range
logo
Ultralife Corporation.
UBBL20 ULTRALIFE-UBBL20 Datasheet
496Kb / 2P
Wide operating temperature range
Rev: G
logo
Xtaltq Technologies Co....
BO2020H XTALTQ-BO2020H Datasheet
247Kb / 2P
Wide Temperature Range
BO2525L XTALTQ-BO2525L Datasheet
242Kb / 2P
Wide Temperature Range
Mar.27, 2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com