Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC337 Datasheet(PDF) 2 Page - API Technologies Corp

Part # DAC337
Description  Adjustment-Free 8-Bit DACs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

DAC337 Datasheet(HTML) 2 Page - API Technologies Corp

  DAC337 Datasheet HTML 1Page - API Technologies Corp DAC337 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICATIO N S
(Typical for all models @ +25º C and nominal power supplies unless otherwise noted)
SERIES
DA C337
TY PE
Fixed Ref., V olt, Output
DIGITA L INPUT
Resolution
8 Bits
Coding
DA C337-0
Complementary Binary
DA C337-1,6
Offset Binary
DA C337-2
Binary
Logic Compatibility
TTL, DTL, CM OS (from 5V supply)
V IH= 2.4V typ., 3.5V min.
V IH= 0.8V max.
A NA LOG OUTPUT
V oltage
DA C337-0
0 to –10V @ –5mA
DA C337-1
+5V +5mA
DA C337-2
0 to +10V @ +5mA
DA C337-6
±10V @ +5mA
Impedance
<0.1
REFERENCE
Internal
STA TIC PERFORM A NCE
Integral Linearity
±1/2 LSB, max.
Differential Linearity
±1/2 LSB, typ.; ±1 LSB.max.
DY NA M IC PERFORM A NCE
Settling Time to 1/2 LSB for Full Scale Change
DA C337–0,–1,–2
20µs
DA C337-6
40µs
For 1 LSB change
5µs typ.; 10µs max
Slew Rate
0.5V /µs
STA BILITY (TMIN TO TMAX)
A ccuracy
1LSB
Linearity
±1/1 LSB, max.
Offset
±1 LSB, max.
POW ER SUPPLY
V oltage @ Current
+15V ±20% @ +6mA , max.
–15V ±20% @ –13mA , max.
Power Supply Rejection Ratio
+15V Supply, 0.1% FSR/V oIt
–15V Supply, 0.2% FSR/V oIt
TEM PERA TURE RA NGE
Operating
0ºC to +70ºC
Storage
–65ºC to +150ºC
M ECHA NICA L
Case Style
M etal or ceramic at
manufacturer's option
CA UTION: ESD (Electro-Static Discharge) sensitive device.
Permanent damage may occur when unconnected devices are
subjected to high energy electrostatic fields. Unused devices must
be stored in conductive foam or shunts. Protective foam should be
discharged to the destination socket before devices are removed.
Devices should be-handled at static safe workstations only. Unused
digital inputs must be grounded or tied to the logic supply voltage.
Unless otherwise noted, the supply voltage at any digital input
should never exceed the supply voltage by more than 0.5 volts or
go betow –0.5 volts. If this condition cannot be maintained, limit
input current on digital inputs by using series resistors or contact
SatCon for technical assistance.
Specifications subject to change without notice.
PIN
FUNCTION
PIN
FUNCTION
1
BIT1 (M SB)
14
BIT 8 (LSB)
2
BIT 2
13
BIT 7
3
BIT 3
12
BIT 6
4
BIT 4
11
BIT 5
5
OUTPUT
10
N.C.
6
GND
9
+15V
7
-15V
8
GND
DA C337 -0, -1, -2, -6
0.475
(12.065)
M A X
0.10
(2.54)
0.300
(7.620)
0.010 ±0.002
(0.457 ±0.050)
0.220
(5.588)
M IN
0.100
(2.540)
TY P
RED DOT
INDICA TES PIN 1
0.155
(3.937)
M A X
0.800
(20.320)
M A X
0.10
(2.54)
TOP V IEW
DIM ENSIONS
INCHES
(mm)
APPLICATIO N IN FO RMATIO N
RECOM M ENDED POW ER SUPPLY BY -PA SS CIRCUIT
TRA NSFER CHA RA CTERISTICS
+15
– 15
1µF
1µF
COM
0.01µF
0.01µF
+
+
PIN 9
PIN 10
PIN 6,8
PIN 7,9
PIN 7 (8BIT)
PIN 8 (10 BIT)
TRA NSFER CHA RA CTERISTICS
A NA LOG OUTPUT
DA C337
INPUT PINS
11111111
1 0 0 0 0 0 0 0
11111111
11111111
1111111111
1 0 0 0 0 0 0 0 0 0
0 111111111
0 0 0 0 0 0 0 0 0 0
337 – 0
0V
– 4.961V
– 5V
– 9.961V
– 1
+5V
+0.040V
0
– 4.961V
– 2
– 9.961V
+5V
+4.961V
0V
– 6
+10V
+0.080V
0V
– 9.921V
0V
– 4.961V
5V
– 9.990V
+5V
+0.010V
0V
– 4.990V
+9.990V
+5V
+4.990V
0V
+10V
+0.020V
0V
– 9.980V
DAC337



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com