Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC337 Datasheet(PDF) 1 Page - API Technologies Corp

Part # DAC337
Description  Adjustment-Free 8-Bit DACs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

DAC337 Datasheet(HTML) 1 Page - API Technologies Corp

  DAC337 Datasheet HTML 1Page - API Technologies Corp DAC337 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Adjustment-Free 8-Bit D ACs
D AC337
D ata Converter Line
FEATURES
• No Zero Or Gain A djusts
• t/aLSB Linearity
• Internal Reference and Output A mplifier
• Low Power
DESCRIPTION
The DA C337 Series digital-to-analog converters are
designed for completely adjustment-free operation.
The word “ simplicity” best characterizes the DA C337
Series. A ll models are housed in hermetically sealed
DIP style packages and operate on ±15V power
supplies. Each model incorporates a precision
reference, highly stable thin-film nichrome resistor
network, output amplifier, and switches. ±1/2 LSB
li nearity is achieved without the use of external zero
and gain adjustment circuits.
Four output voltage ranges are offered — 0 to +10,
0 to –10 (unipolar) and ±5, ±10 (bipolar).
FUNCTIONAL DIAGRAM
RESISTOR NETW ORK
INTERNA L
REF
SW ITCHES
–
+
–
+
BIPOLA R ONLY
5 (6)
PIN OUTS
n - DA C337-0, -1, -2, -6
NC M EA NS NO CONNECTION
V OLTA GE OUTPUT
1
2
3
4
11
12
13
14
8
7
6
5
4
3
2
BIT 1
M SB
6(7)
7(8)
8(9)
9(10)
10(11)
GND
– 15V
GND
+15V
GND
Spectrum Microwave offers the DAC337 for industrial and
commercial applications.
165Cedar Hill Street,Marlborough,MA01752 Tel:508.485.6350 Fax: 508.485.5168
www.SpectrumMicrowave.com


Similar Part No. - DAC337

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC312 AD-DAC312 Datasheet
269Kb / 14P
12-Bit High Speed Multiplying D/A Converter
REV.C
DAC312 AD-DAC312 Datasheet
240Kb / 14P
12-Bit High Speed Multiplying D/A Converter
REV. C
DAC312BR/883 AD-DAC312BR/883 Datasheet
269Kb / 14P
12-Bit High Speed Multiplying D/A Converter
REV.C
DAC312ER AD-DAC312ER Datasheet
269Kb / 14P
12-Bit High Speed Multiplying D/A Converter
REV.C
DAC312FR AD-DAC312FR Datasheet
269Kb / 14P
12-Bit High Speed Multiplying D/A Converter
REV.C
More results

Similar Description - DAC337

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1665 LINER-LTC1665 Datasheet
209Kb / 16P
Micropower Octal 8-Bit and 10-Bit DACs
logo
Maxim Integrated Produc...
MAX5187 MAXIM-MAX5187 Datasheet
226Kb / 16P
8-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX7524 MAXIM-MAX7524 Datasheet
3Mb / 8P
CMOS 8-Bit Buffered Multiplying DACs
Rev 1; 7/95
MX7524 MAXIM-MX7524 Datasheet
294Kb / 8P
CMOS 8-Bit Buffered Multiplying DACs
Rev 1; 7/95
MAX5105-MAX5106 MAXIM-MAX5105-MAX5106 Datasheet
523Kb / 19P
Nonvolatile, Quad, 8-Bit DACs
Rev 1; 6/01
logo
Cadeka Microcircuits LL...
CDK3404 CADEKA-CDK3404 Datasheet
1Mb / 11P
8-bit, 180MSPS, Triple Video DACs
CDK3405 CADEKA-CDK3405 Datasheet
1Mb / 11P
8-bit, 180MSPS, Triple Video DACs
logo
API Technologies Corp
HS5210 APITECH-HS5210 Datasheet
2Mb / 3P
12-Bit Adjustment Free ADCs
logo
Linear Technology
LTC1660 LINER-LTC1660_15 Datasheet
234Kb / 18P
Micropower Octal 8-Bit and 10-Bit DACs
LTC1665 LINER-LTC1665_15 Datasheet
234Kb / 18P
Micropower Octal 8-Bit and 10-Bit DACs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com