Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASI10686 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # ASI10686
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

ASI10686 Datasheet(HTML) 1 Page - Advanced Semiconductor

  ASI10686 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25
OC
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCBO
IC = 50 mA
65
V
BVCES
IC = 50 mA
65
V
BVCEO
IC = 50 mA
28
V
BVEBO
IE = 10 mA
3.5
V
ICES
VCE = 30 V
7.5
mA
hFE
VCE = 5.0 V
IC = 5.0 A
10
100
---
PG
ηη
C
VCE = 40 V
POUT = 300 W
f = 425 MHz
9.5
55
dB
%
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The is Designed for
FEATURES:
• Input Matching Network
•
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
21.6 A
VCBO
65 V
VCES
65 V
VEBO
3.5 V
PDISS
875 W @ TC = 25
OC
TJ
-65
OC to +200 OC
TSTG
-65
OC to +150 OC
θθ
JC
0.2
OC/W
PACKAGE STYLE .400 BAL FLG(A)
ORDER CODE: ASI10686
MINIMUM
inches / mm
.045 / 1.14
.380 / 9.65
.125 / 3.18
.210 / 5.33
.070 / 1.78
B
C
D
E
F
G
A
MAXIMUM
.135 / 3.43
.230 / 5.84
.080 / 2.03
.390 / 9.91
inches / mm
H
.420 / 10.67
.430 / 10.92
DIM
K
L
I
J
.895 / 22.73
.058 / 1.47
.905 / 22.99
.065 / 1.65
P
N
M
.395 / 10.03
.115 / 2.92
.405 / 10.29
.130 / 3.30
.002 / 0.05
.006 / 0.15
.230 / 5.84
K
J
I
H
M
L
N
E
C
D
B
G
F
P
FULL R
A
4X.060 R
.770 / 19.56
.830 / 21.08
.215 / 5.46
.235 / 5.97
.055 / 1.40
.645 / 16.38
.655 / 16.64


Similar Part No. - ASI10686

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
ASI10680 ASI-ASI10680 Datasheet
16Kb / 1P
NPN SILICON RF POWER TRANSISTOR
ASI10681 ASI-ASI10681 Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
ASI10681 ASI-ASI10681 Datasheet
95Kb / 2P
NPN SILICON RF POWER TRANSISTOR
REV. C
ASI10682 ASI-ASI10682 Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
ASI10683 ASI-ASI10683 Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - ASI10686

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com