Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASI10688 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # ASI10688
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

ASI10688 Datasheet(HTML) 1 Page - Advanced Semiconductor

  ASI10688 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25
OC
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCBO
IC = 1.0 mA
45
V
BVCEO
IC = 20 mA
24
V
BVEBO
IE = 0.25 mA
3.5
V
ICBO
VCB = 28 V
0.45
mA
hFE
VCE = 5.0 V
IC = 100 mA
15
120
---
Cob
VCB = 28 V
f = 1.0 MHz
5.0
pF
PG
ηη
D
VCC = 28 V
POUT = 1.0 W
f = 400 MHz
13
60
dB
%
NPN SILICON RF POWER TRANSISTOR
UML1
DESCRIPTION:
The
ASI UML1 is Designed for
FEATURES:
•
•
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
2.0 A
VCBO
45 V
VCEO
25 V
VEBO
3.5 V
PDISS
31.8 W @ TC = 25
OC
TJ
-65
OC to +200 OC
TSTG
-65
OC to +150 OC
θθ
JC
20
OC/W
PACKAGE STYLE .280 4L STUD
ORDER CODE: ASI10688
MINIMUM
inches / mm
.003 / 0.08
.270 / 6.86
.117 / 2.97
B
C
D
E
F
G
A
MAXIMUM
.285 / 7.24
.137 / 3.48
.007 / 0.18
inches / mm
H
.245 / 6.22
.255 / 6.48
DIM
1.010 / 25.65
1.055 / 26.80
I
J
.217 / 5.51
.220 / 5.59
K
.175 / 4.45
.285 / 7.24
.275 / 6.99
.572 / 14.53
.640 / 16.26
.130 / 3.30
.230 /5.84
G
K
H
F
E
D
C
B
45°
A
#8-32 UNC
I
J


Similar Part No. - ASI10688

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
ASI10680 ASI-ASI10680 Datasheet
16Kb / 1P
NPN SILICON RF POWER TRANSISTOR
ASI10681 ASI-ASI10681 Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
ASI10681 ASI-ASI10681 Datasheet
95Kb / 2P
NPN SILICON RF POWER TRANSISTOR
REV. C
ASI10682 ASI-ASI10682 Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
ASI10683 ASI-ASI10683 Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - ASI10688

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com