Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC10 Datasheet(PDF) 4 Page - Maxwell Technologies

Part # PC10
Description  PC SERIES ULTRACAPACITORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

PC10 Datasheet(HTML) 4 Page - Maxwell Technologies

  PC10 Datasheet HTML 1Page - Maxwell Technologies PC10 Datasheet HTML 2Page - Maxwell Technologies PC10 Datasheet HTML 3Page - Maxwell Technologies PC10 Datasheet HTML 4Page - Maxwell Technologies PC10 Datasheet HTML 5Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4
Document number: 1003996.14
maxwell.com
DATASHEET
PC SERIES ULTRACAPACITORS
NOTES
1. Capacitance and ESR
DC measured at 25°C using specified
test current per waveform below.
2. ∆T=I
RMS
2
x ESR x R
th
3. Absolute maximum voltage, non-repeated. Not to exceed 1
second.
4. After 72 hours (208 hours - BCAP3400) at rated voltage.
Initial leakage current can be higher.
5. Per IEC 62391-2, P
d =
6. P
max =
7. E
max =
0.12V2
ESR
DC x mass
V2
4 x ESR
DC x mass
½ CV2
3,600 x mass
8. E
stored =
9. Cycle using specified test current per waveform below.
10. Cycle life varies depending upon application-specific
characteristics. Actual results will vary.
11. Per United Nations material classification UN3499, all
Maxwell ultracapacitors have less than 10 Wh capacity
to meet the requirements of Special Provisions 361. Both
individual ultracapacitors and modules composed of those
ultracapacitors shipped by Maxwell can be transported
without being treated as dangerous goods (hazardous
materials) under transportation regulations.
½ CV2
3,600
MOUNTING RECOMMENDATIONS
Do not reverse polarity. Please refer to document
number 1008238, available at maxwell.com for soldering
recommendations.
MARKINGS
Products are marked with the following information:
Rated capacitance, rated voltage, product number, name of
manufacturer, and positive terminal.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com