Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC10 Datasheet(PDF) 1 Page - Maxwell Technologies

Part # PC10
Description  PC SERIES ULTRACAPACITORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

PC10 Datasheet(HTML) 1 Page - Maxwell Technologies

  PC10 Datasheet HTML 1Page - Maxwell Technologies PC10 Datasheet HTML 2Page - Maxwell Technologies PC10 Datasheet HTML 3Page - Maxwell Technologies PC10 Datasheet HTML 4Page - Maxwell Technologies PC10 Datasheet HTML 5Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1
Document number: 1003996.14
maxwell.com
DATASHEET
PC SERIES ULTRACAPACITORS
FEATURES AND BENEFITS
Up to 500,000 duty cycles
with 10 year life capability
Hermetically sealed, stainless
steel construction
Low profile prismatic design
Higher energy vs electrolytic
capacitors
Higher power vs batteries
TYPICAL APPLICATIONS
Automotive subsystems
Smart Meter
Back up power for SSD and
NV-DIMM
Consumer electronics
PRODUCT SPECIFICATIONS
ELECTRICAL
PC10, PC10-90, PC10-270
PC10HT, PC10HT-90, PC10HT-270
Rated Capacitance1
10 F
10 F
Minimum Capacitance, Initial1
9 F
9 F
Maximum Capacitance, Initial1
12 F
12 F
Maximum ESR
DC, initial
1
180 mΩ
180 mΩ
Test Current for Capacitance and ESR
DC
1
1 A
1 A
Rated Voltage
2.50 V
2.20 V
Absolute Maximum Voltage3
2.70 V
2.70 V
Absolute Maximum Current
2.80 A
2.40 A
Leakage Current at 25°C, maximum4
0.040 mA
0.040 mA
TEMPERATURE
Operating temperature range
(Cell case temperature)
Minimum
-40oC
-40oC
Maximum
70oC
85oC
Storage temperature range
(Stored uncharged)
Minimum
-40oC
-40oC
Maximum
85oC
85oC


Similar Part No. - PC10

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
PC10 MAXWELL-PC10 Datasheet
874Kb / 4P
PC SERIES ULTRACAPACITORS
logo
Picker Components
PC10 PICKER-PC10 Datasheet
522Kb / 3P
50 Amp Latching PCB Relay
logo
Total Power Internation...
PC10 TOTAL-POWER-PC10 Datasheet
129Kb / 2P
NEW PC 104 POWER SUPPLY
logo
Superworld Electronics
PC10-1000 SUPERWORLD-PC10-1000 Datasheet
110Kb / 1P
POWER TRANSFORMER
PC10-120 SUPERWORLD-PC10-120 Datasheet
110Kb / 1P
POWER TRANSFORMER
More results

Similar Description - PC10

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
PC1213EFR EFC-PC1213EFR Datasheet
31Kb / 3P
SERIES PC IGBT CAPACITORS
logo
Maxwell Technologies
PC10 MAXWELL-PC10 Datasheet
874Kb / 4P
PC SERIES ULTRACAPACITORS
BCAP0001 MAXWELL-BCAP0001 Datasheet
939Kb / 9P
HC SERIES ULTRACAPACITORS
BCAP0310 MAXWELL-BCAP0310_13 Datasheet
1Mb / 5P
BC SERIES ULTRACAPACITORS
BCAP0650 MAXWELL-BCAP0650 Datasheet
848Kb / 5P
K2 SERIES ULTRACAPACITORS
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Cornell Dubilier Electr...
CDHC CDE-CDHC Datasheet
613Kb / 3P
Type CDHC Snap-In Hybrid Carboncap Power Ultracapacitors
logo
M-System Co.,Ltd.
MSRPAC10 MSYSTEM-MSRPAC10 Datasheet
1,020Kb / 10P
PC Recorder Series PC RECORDER SOFTWARE PACKAGE
R1M-A1_R MSYSTEM-R1M-A1_R Datasheet
237Kb / 6P
PC Recorders R1M Series PC RECORDER
RZUS-U9 MSYSTEM-RZUS-U9 Datasheet
337Kb / 10P
PC Recorders RZUS Series PC RECORDER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com