Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRN-R-30 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # FRN-R-30
Description  Dual-Element, Time-Delay Fuses Class RK5 - 250 Volt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FRN-R-30 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  FRN-R-30 Datasheet HTML 1Page - Cooper Bussmann, Inc. FRN-R-30 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Information:
• Provides motor overload, ground fault and short-circuit
protection.
• Helps protect motors against burnout from overloads.
• Helps protect motors against burnout from single phasing
on three phase systems.
• Simplifies and improves blackout prevention (selective
coordination).
• Dual-element fuses can be applied in circuits subject
to temporary motor overloads and surge currents to
provide both high performance short-circuit and
overload protection.
• The overload element provides protection against low level
overcurrent of overloads and will hold an overload which is
five times greater than the ampere rating of the fuse for a
minimum of ten seconds.
1/10 A to 30A
0.56" (
± 0.008)
2"
(
± 0.31)
35A to 60A
3"
(
± 0.31)
0.81" (
± 0.008)
Catalog Symbol: FRN-R
Current-Limiting
Dual-Element, Time-Delay – 10 seconds (minimum) at 500%
rated current (8 seconds for 0-30A sizes)
Ampere Rating: 1⁄10 to 60 Amperes
Voltage Rating: 250Vac (or less)
Interrupting Rating: 200,000A RMS Sym.
DC Ratings: 20,000 AIC @ 125Vdc
Agency Information:
UL Listed, Std. 248-12, Class RK-5, Guide JDDZ, File E4273
CSA Certified, C22.2 No. 248.12, Class 1422-01, File 53787
Catalog Numbers
FRN-R-1⁄10
FRN-R-18⁄10
FRN-R-8
FRN-R-1⁄8
FRN-R-2
FRN-R-9
FRN-R-15⁄100
FRN-R-21⁄4
FRN-R-10
FRN-R-2⁄10
FRN-R-21⁄2
FRN-R-12
FRN-R-1⁄4
FRN-R-28⁄10
FRN-R-15
FRN-R-3⁄10
FRN-R-3
FRN-R-171⁄2
FRN-R-4⁄10
FRN-R-3 2⁄10
FRN-R-20
FRN-R-1⁄2
FRN-R-31⁄2
FRN-R-25
FRN-R-6⁄10
FRN-R-4
FRN-R-30
FRN-R-8⁄10
FRN-R-41⁄2
FRN-R-35
FRN-R-1
FRN-R-5
FRN-R-40
FRN-R-11⁄8
FRN-R-5 6⁄10
FRN-R-45
FRN-R-11⁄4
FRN-R-6
FRN-R-50
FRN-R-14⁄10
FRN-R-61⁄4
FRN-R-60
FRN-R-11⁄2
FRN-R-7
—
FRN-R-16⁄10
FRN-R-71⁄2
—
Fuseblocks for Class R Fuses
(Clip Retaining Spring Standard, Suffix “R”)
See Data Sheet 1110
Terminal Type (Suffix No.)
Basic
Screw w/
Box Lug w/
1
⁄2˝
Catalog
—
Pres.
—
Clip
Quick-
Amps
Poles Number
Plate
CU only
Connect
1
⁄10
1
R25030-1
SR
PR
CR
COR
QR
to
2
R25030-2
SR
PR
CR
COR
—
30
3
R25030-3
SR
PR
CR
COR
—
31
1
R25060-1
SR
—
CR
—
—
to
2
R25060-2
SR
—
CR
—
—
60
3
R25060-3
SR
—
CR
—
—
Fuse Reducers For Class R Fuses
Equipment
Desired Fuse
Catalog Number
Fuse Clips
(Case) Size
(Pairs) 250V
60A
30A
No. 263-R
100A
30A
No. 213-R
60A
No. 216-R
200A
60A
No. 226-R
Carton Quantity and Weight
Ampere
Carton
Weight*
Ratings
Qty.
Lbs.
Kg.
0–15
10
0.40
0.181
17.5–30
10
0.50
0.227
35–60
10
1.00
0.453
*Weight per carton.
Dimensional Data
Fusetron®
Dual-Element, Time-Delay Fuses
Class RK5 - 250 Volt
FRN-R
1
⁄10-60A
10-08 BU-SB08353
Page 1 of 2
Data Sheet 1019


Similar Part No. - FRN-R-30

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
FRN-R-30 EATON-FRN-R-30 Datasheet
672Kb / 6P
Fusetron??FRN-R Class RK5 250Vac/125Vdc 1??0-60A, dual element, time-delay fuses
logo
Cooper Bussmann, Inc.
FRN-R-30* COOPER-FRN-R-30* Datasheet
672Kb / 6P
Fusetron??FRN-R Class RK5 250Vac/125Vdc 1??0-60A, dual element, time-delay fuses
FRN-R-300 COOPER-FRN-R-300 Datasheet
577Kb / 4P
Fusetron??FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
logo
Eaton All Rights Reserv...
FRN-R-300 EATON-FRN-R-300 Datasheet
577Kb / 4P
Fusetron??FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
More results

Similar Description - FRN-R-30

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LPN-RK-70SP COOPER-LPN-RK-70SP Datasheet
78Kb / 2P
Dual-Element Time-Delay Fuses Class RK1-250 Volts AC/DC
LPJ-6SPI COOPER-LPJ-6SPI Datasheet
110Kb / 3P
Dual-Element Time-Delay Fuses
LPS-RK-70SPI COOPER-LPS-RK-70SPI Datasheet
127Kb / 3P
Dual-Element, Time-Delay Fuses
LPN-RK-70SPI COOPER-LPN-RK-70SPI Datasheet
138Kb / 3P
Dual-Element Time-Delay Fuses
ECSR40 COOPER-ECSR40 Datasheet
289Kb / 2P
Class RK5 600Vac, 70 to 600A Dual-Element, Time-Delay Fuses
logo
List of Unclassifed Man...
ECNR60 ETC2-ECNR60 Datasheet
254Kb / 2P
Class RK5 250Vac, 1 to 60A Dual-Element, Time-Delay Fuses
logo
Cooper Bussmann, Inc.
FRS-R-50 COOPER-FRS-R-50 Datasheet
74Kb / 2P
Dual-Element, Time-Delay Fuses Class RK5 600 Volt
FRS-R-9 COOPER-FRS-R-9 Datasheet
83Kb / 2P
Class RK5, Dual-element, Time Delay
logo
List of Unclassifed Man...
FRN-R-70 ETC2-FRN-R-70 Datasheet
577Kb / 4P
FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
logo
Eaton All Rights Reserv...
ECSR EATON-ECSR Datasheet
197Kb / 2P
Class RK5 600Vac, 1 to 60A Dual-Element, Time-Delay Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com