Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC-R127R2PG Datasheet(PDF) 1 Page - Panasonic Battery Group

Part # LC-R127R2PG
Description  For main and standby power supplies. Expected trickle design life: 6 ??9 years at 20째C according to Eurobat.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

LC-R127R2PG Datasheet(HTML) 1 Page - Panasonic Battery Group

  LC-R127R2PG Datasheet HTML 1Page - Panasonic Battery Group LC-R127R2PG Datasheet HTML 2Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
56
Valve Regulated Lead-Acid Batteries
Individual Data Sheets
4.75
6.35
Nominal voltage
12V
Nominal capacity (20 hour rate)
7.2Ah
Dimensions
Length
151mm
Width
64.5mm
Height
94mm
Total Height
100mm
Approx. mass
2.47kg
Terminal
Faston 187 or
Faston 250 with hole
Specifications
Dimensions (mm)
Duration of discharge vs Discharge current
0.1
0.3
1.0
3
10
30
100
1
3
5
10
30
60
3
5
10
20
30
40 °C
25 °C
0 °C
-15 °C
Discharge current (A)
Capacity
(25°C)
20 hour rate
10 hour rate
5 hour rate
1 hour rate
7.2Ah
6.8Ah
6.3Ah
4.9Ah
Internal resistance
Fully charged battery
(25°C)
21m
Ω
Temperature dependency
of capacity (20 hour rate)
40°C
25°C
0°C
-15°C
102%
100%
85%
65%
Self discharge
(25°C)
After 3 months
After 6 months
After 12 months
91%
82%
64%
Characteristics
LC-R127R2PG*1
Terminal type
(option)
Battery case resin: standard (UL94HB)
Contents indicated (including the recycle marking, etc.)
are subject to change without notice.
(Wattage/Battery)
Cut-off V
3min
5min
10min
15min
20min
30min
45min
1h
1.5h
2h
3h
4h
5h
6h
10h
20h
24h
9.6V
433
341
223
170
143
106
75.1
60.1
41.3
32.0
23.8
18.3
15.1
12.1
8.04
4.36
3.64
9.9V
401
320
218
169
140
105
74.7
60.1
40.5
31.7
23.7
18.2
15.0
12.1
8.00
4.34
3.62
10.2V
370
300
213
166
138
104
74.0
58.9
39.7
30.9
23.4
18.0
14.9
12.0
7.92
4.33
3.61
10.5V
329
269
197
154
131
102
72.8
57.7
38.9
29.8
23.1
17.9
14.7
11.8
7.88
4.32
3.60
10.8V
278
237
176
144
128
98
71.6
56.5
37.8
28.4
22.6
17.7
14.4
11.7
7.80
4.30
3.58
(Ampere/Battery)
Cut-off V
3min
5min
10min
15min
20min
30min
45min
1h
1.5h
2h
3h
4h
5h
6h
10h
20h
24h
9.6V
38.9
30.6
19.9
14.8
12.3
9.1
6.4
5.1
3.50
2.70
2.00
1.53
1.26
1.012
0.670
0.363
0.303
9.9V
36.1
28.7
19.5
14.7
12.1
9.0
6.4
5.1
3.43
2.68
1.99
1.52
1.25
1.008
0.667
0.362
0.302
10.2V
33.3
26.9
19.0
14.4
11.9
8.9
6.3
5.0
3.36
2.61
1.97
1.51
1.24
1.000
0.660
0.361
0.301
10.5V
29.6
24.1
17.6
13.4
11.3
8.7
6.2
4.9
3.29
2.52
1.94
1.50
1.23
0.988
0.657
0.360
0.300
10.8V
25.0
21.3
15.7
12.5
11.0
8.4
6.1
4.8
3.20
2.40
1.90
1.48
1.20
0.972
0.650
0.358
0.298
Watt Table
Ampere Table
For main and standby power supplies. Expected trickle
design life: 6 – 9 years at 20°C according to Eurobat.
VdS
G193046
(250)
(187)
*1 This battery is also available with a flame retardant battery case resin (UL94 V-0) but with no VdS certification.


Similar Part No. - LC-R127R2PG

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
LC-R127R2PG1 PANASONICBATTERY-LC-R127R2PG1 Datasheet
1Mb / 2P
for main and standby power supplies
More results

Similar Description - LC-R127R2PG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LC-RA1212 PANASONIC-LC-RA1212 Datasheet
62Kb / 1P
For main and standby power supplies.
logo
CSB Battery Co., Ltd.
MSV200 CSB-BATTERY-MSV200_15 Datasheet
807Kb / 2P
A long service life battery up to 15 years expected life under normal float charge.
MSV400 CSB-BATTERY-MSV400_15 Datasheet
848Kb / 2P
A long service life battery up to 15 years expected life under normal float charge.
TPL121000T CSB-BATTERY-TPL121000T Datasheet
636Kb / 2P
A front access design with an upgraded degassing system ,up to 12 years expected life.
XTV12550 CSB-BATTERY-XTV12550 Datasheet
1,021Kb / 2P
A general battery up to 12 years expected life in standby service or more than 260 cycles at 100% discharge in cycle service.
XTV12800 CSB-BATTERY-XTV12800 Datasheet
693Kb / 2P
A general battery up to 12 years expected life in standby service or more than 260 cycles at 100% discharge in cycle service.
XTV121000 CSB-BATTERY-XTV121000 Datasheet
737Kb / 2P
A general battery up to 12 years expected life in standby service or more than 260 cycles at 100% discharge in cycle service.
logo
Panasonic Battery Group
LC-R064R2P PANASONICBATTERY-LC-R064R2P Datasheet
39Kb / 1P
For main and standby power supplies
LC-R127R2PG1 PANASONICBATTERY-LC-R127R2PG1 Datasheet
1Mb / 2P
for main and standby power supplies
logo
Panasonic Semiconductor
UP-VWA1232P PANASONIC-UP-VWA1232P Datasheet
274Kb / 2P
FOR STANDBY POWER SUPPLIES. EXPECTED TRICKLE DESIGN LIFE: 6 – 9 YEARS AT 20°C ACCORDING TO EUROBAT.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com