Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC-R127R2PG Datasheet(PDF) 2 Page - Panasonic Battery Group

Part # LC-R127R2PG
Description  For main and standby power supplies. Expected trickle design life: 6 ??9 years at 20째C according to Eurobat.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

LC-R127R2PG Datasheet(HTML) 2 Page - Panasonic Battery Group

  LC-R127R2PG Datasheet HTML 1Page - Panasonic Battery Group LC-R127R2PG Datasheet HTML 2Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
57
Valve Regulated Lead-Acid Batteries
Individual Data Sheets
Charging Method
Cycle use
Control voltage: 14.5 - 14.9V; Initial current: 2.88A or smaller
Trickle use
Control voltage: 13.6 - 13.8V; Initial current: 1.08A or smaller
Influence of Temperature on Trickle life
0
20
40
60
80
100
120
Discharge
Depth 50%
Discharge
Depth 30%
Discharge
Depth 100%
0
200
400
600
800
1000
1200
Ambient Temperature
25 °C (77 °F)
Number of Cycles (Times)
Cut off voltage
Discharge current
0.36A -
1.44A
1.44A -
3.6A
3.6A -
7.2A
7.2A -
14.4A
14.4A -
21.6A
Cut off voltage (V)
10.5
10.2
9.9
9.3
8.7
Cycle life vs Depth of discharge
Constant-voltage and constant-current charge
characteristics for Trickle use
Constant-voltage and constant-current charge
characteristics for Cycle use
5
6
7
8
9
10
11
12
13
14
15
(minute )
(hour )
01
20
10
5
2
40
60
2
4
68 10
20
40
0.36 A
0.72 A
1.8 A
3.6 A
21.6 A
7.2 A
Duration of discharge
Discharge characteristics
0
20
40
60
80
100
120
02468
10
12
14
16
18
20
Storage Period (Month)
5 °C
(41 °F)
25 °C
(77 °F)
30 °C
(86 °F)
40 °C
(104 °F)
Residual capacity vs storage period
0
20
40
60
80
100
120
-20
-10
0
102030
4050
Battery temperature (°C)
0.05 CA
0.1 CA
0.2 CA
0.5 CA
1 CA
2 CA
3 CA
Discharge capacity by temperature
and by discharge current
0
20
40
60
80
100
120
140
160
0
4
8
121620
Charge Time (h)
0
2
4
6
8
10
12
14
16
Discharge
100 % (0.05 CA*20H)
50 % (0.05 CA*10H)
Charge
 Charge Voltage 13.65 V
 (2.275 V / Cell)
 Charge Current 0.15 CA
Temperature 25 °C (77 °F)
0.3
0.2
0.1
0
Battery Voltage
Charge Current
Charge Quantity (to-Discharge Quantity)
1
2
3
0
20
40
60
80
100
120
140
160
02468
10
Charge Time (h)
0
2
4
6
8
10
12
14
16
    
    
 
 
 
Battery Voltage
Charge Quantity (to-Discharge Quantity)
0.8
0.6
0.4
0.2
0
Discharge
100 % (0.05 CA*20H)
50 % (0.05 CA*10H)
Charge
Charge Voltage 14.70 V
(2.45 V / Cell)
Charge Current 0.4 CA
Temperature 25 °C (77 °F)
Charge Current
1
2
3
0.1
1
10
100
20
40
060
Charging Voltage
2.275 V / Cell
Temperature (°C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com