Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-3080 Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part # ADNS-3080
Description  High-Performance Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3080 Datasheet(HTML) 2 Page - Pixart Imaging Inc.

  ADNS-3080 Datasheet HTML 1Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 2Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 3Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 4Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 5Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
2
Figure 1. Package outline drawing (top view)
Pinout
Pin
Name
Description
1
NCS
Chip select (active low input)
2
MISO
Serial data output
(Master In/Slave Out)
3
SCLK
Serial clock input
4
MOSI
Serial data input
(Master Out/Slave In)
5
LED_CTRL
LED control output
6
RESET
Reset input
7
NPD
Power down (active low input)
8
OSC_OUT
Oscillator output
9
GUARD
Oscillator gnd for PCB guard
(optional)
10
OSC_IN
Oscillator input
11
NC
No connect
12
OPTP
Connect to VDD3
13
REFC
Reference capacitor
14
REFB
Reference capacitor
15
VDD3
Supply voltage
16
GND
Ground
17
VDD3
Supply voltage
18
NC
No connect
19
GND
Ground
20
NC
No connect
Item
Marking
Remarks
Product Number
A3080
Date Code
XYYWWZ
X = Subcon Code
YYWW = Date Code
Z = Sensor Die Source
Lot Code
VVV
Numeric
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
Product Number
Date Code
Lot Code
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
High-Performance Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com