Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-3080 Datasheet(PDF) 29 Page - Pixart Imaging Inc.

Part # ADNS-3080
Description  High-Performance Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3080 Datasheet(HTML) 29 Page - Pixart Imaging Inc.

Back Button ADNS-3080 Datasheet HTML 25Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 26Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 27Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 28Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 29Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 30Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 31Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 32Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 33Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
29
Extended_Config
Address: 0x0b
Access: Read/Write
Reset Value: 0x00
Data Type: Bit field
USAGE: Register 0x0b allows the user to change the configuration of the sensor. Shown below are the bits, their default
values, and optional values.
Bit
7
6
5
4
3
2
1
0
Field
Busy
Reserved
Reserved
Reserved
Reserved
Serial_NPU
NAGC
Fixed_FR
Field Name
Description
Busy
Read-only bit. Indicates if it is safe to write to one or more of the following registers:
Frame_Period_Max_Bound_Upper and Lower
Frame_Period_Min_Bound_Upper and Lower
Shutter_Max_Bound_Upper and Lower
After writing to the Frame_Period_Max_Bound_Upper register, at least two frames must
pass before writing again to any of the above registers. This bit may be used in lieu of a timer
since the actual frame rate may not be known when running in auto mode.
0 = writing to the registers is allowed
1 = do not write to the registers yet
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Serial_NPU
Disable serial port pull-up current sources
0 = no, current sources are on
1 = yes, current sources are off
NAGC
Disable AGC. Shutter will be set to the value in the Shutter_Max_Bound registers.
0 = no, AGC is active
1 = yes, AGC is disabled
Fixed_FR
Fixed frame rate (disable automatic frame rate control). When this bit is set, the frame rate
will be determined by the value in the Frame_Period_Max_Bound registers.
0 = automatic frame rate
1 = fixed frame rate
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com