Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-9500 Datasheet(PDF) 13 Page - Pixart Imaging Inc.

Part # ADNS-9500
Description  Laser Gaming Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-9500 Datasheet(HTML) 13 Page - Pixart Imaging Inc.

Back Button ADNS-9500 Datasheet HTML 9Page - Pixart Imaging Inc. ADNS-9500 Datasheet HTML 10Page - Pixart Imaging Inc. ADNS-9500 Datasheet HTML 11Page - Pixart Imaging Inc. ADNS-9500 Datasheet HTML 12Page - Pixart Imaging Inc. ADNS-9500 Datasheet HTML 13Page - Pixart Imaging Inc. ADNS-9500 Datasheet HTML 14Page - Pixart Imaging Inc. ADNS-9500 Datasheet HTML 15Page - Pixart Imaging Inc. ADNS-9500 Datasheet HTML 16Page - Pixart Imaging Inc. ADNS-9500 Datasheet HTML 17Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
13
DC Electrical Specifications
Electrical Characteristics over recommended operating conditions.
For 3V mode, Typical values at 25°C, VDD = 2.8 V, VDDIO = 2.8V. For 5V mode, Typical values at 25°C, VDD = 5.0 V, VDDIO = REFB
Parameter
Symbol
Minimum
Typical
Maximum
Units
Notes
DC Supply Current in
3V mode
IDD_RUN3
33
45
mA
Average current, including LASER
current. No load on MISO, MOTION.
IDD_REST1
0.26
0.4
mA
IDD_REST2
0.12
0.2
mA
IDD_REST3
0.08
0.15
mA
DC Supply Current in
5V mode
IDD_RUN5
36
50
mA
Peak Supply Current
IDDP3
60
mA
For 3V mode
IDDP5
65
mA
For 5V mode
Shutdown Supply Current
IDDSTDWN
65
140
A
NCS, SCLK, MOSI = VDDIO
MISO = GND
REFB Output Voltage
VREFB
2.85
3.05
3.25
V
Do not connect this pin as a
supply to other chips other than
the integrated VCSEL and VDDIO
Input Low Voltage
VIL
0.3*VDDIO
V
SCLK, MOSI, NCS
Input High Voltage
VIH
0.7*VDDIO
V
SCLK, MOSI, NCS
Input Hysteresis
VI_HYS
100
mV
SCLK, MOSI, NCS
Input Leakage Current
Ileak
±1
±10
A
Vin = 0.7*VDDIO , SCLK, MOSI, NCS
Output Low Voltage,
MISO, MOTION
VOL
0.3*VDDIO
V
Iout = 1mA, MISO, MOTION
Output High Voltage,
MISO, MOTION
VOH
0.7*VDDIO
V
Iout = -1mA, MISO, MOTION
Output Low Voltage,
LASER_NEN
VOL
0.3*VREFB
V
Iout = 1mA, LASER_NEN
Output High Voltage,
LASER_NEN
VOH
0.7*VREFB
V
Iout = -0.5mA, LASER_NEN
Input Capacitance
Cin
10
pF
MOSI, NCS, SCLK
PixArt Imaging Inc.
ADNS-9500 Laser Gaming Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com