Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-9500 Datasheet(PDF) 39 Page - Pixart Imaging Inc.

Part # ADNS-9500
Description  Laser Gaming Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-9500 Datasheet(HTML) 39 Page - Pixart Imaging Inc.

Back Button ADNS-9500 Datasheet HTML 32Page - Pixart Imaging Inc. ADNS-9500 Datasheet HTML 33Page - Pixart Imaging Inc. ADNS-9500 Datasheet HTML 34Page - Pixart Imaging Inc. ADNS-9500 Datasheet HTML 35Page - Pixart Imaging Inc. ADNS-9500 Datasheet HTML 36Page - Pixart Imaging Inc. ADNS-9500 Datasheet HTML 37Page - Pixart Imaging Inc. ADNS-9500 Datasheet HTML 38Page - Pixart Imaging Inc. ADNS-9500 Datasheet HTML 39Page - Pixart Imaging Inc. ADNS-9500 Datasheet HTML 40Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
39
Configuration_V
Address: 0x2F
Access: R/W
Reset Value: 0x12
Bit
7
6
5
4
3
2
1
0
Field
ResY7
ResY6
ResY5
ResY4
ResY3
ResY2
ResY1
ResY0
Data Type: Bit field.
USAGE: This register allows the user to change the Y-axis resolution when the sensor is configured to have indepedent
X-axis and Y-axis resolution reporting mode via Rpt_Mod bit = 1 in Configuration_II register. The setting in this
register will be inactive if Rpt_Mod bit = 0. The approximate resolution value for each register setting can be cal-
culated using the following formula. Each bit change is~90cpi. The minimum write value is 0x01 and maximum
is 0x37.
Resolution value (counts per inch, cpi) = RES [7:0] x 90
Configuration_IV
Address: 0x39
Access: R/W
Reset Value: 0x00
Bit
7
6
5
4
3
2
1
0
Field
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
SROM_Size
Reserved
Data Type: Bit field.
USAGE: The correct SROM file size must be selected before loading the SROM to sensor. The current SROM is 3K Bytes
size.
Field Name
Description
SROM_Size
= 0: 1.5K SROM download
= 1: 3K SROM download
Power_Up_Reset
Address: 0x3A
Access: Write Only
Reset Value: 0xNA
Bit
7
6
5
4
3
2
1
0
Field
PUR7
PUR6
PUR5
PUR4
PUR3
PUR2
PUR1
PUR0
Data Type: 8-Bit integer.
USAGE: Write 0x5a to this register to reset the chip. All settings will revert to default values. Reset is required after
recovering from shutdown mode and restore normal operation after Frame Capture.
Shutdown
Address: 0x3B
Access: Write Only
Reset Value: Undefined
Bit
7
6
5
4
3
2
1
0
Field
OB7
OB6
OB5
OB4
OB3
OB2
OB1
OB0
Data Type: 8-Bit integer.
USAGE: Write 0xb6 to set the chip to shutdown mode, use POWER_UP_RESET register to power up the chip. Refer to
Shutdown section for more details.
PixArt Imaging Inc.
ADNS-9500 Laser Gaming Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com