Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7010 Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part # PAC7010
Description  motion tracing ASIC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7010 Datasheet(HTML) 2 Page - Pixart Imaging Inc.

  PAC7010 Datasheet HTML 1Page - Pixart Imaging Inc. PAC7010 Datasheet HTML 2Page - Pixart Imaging Inc. PAC7010 Datasheet HTML 3Page - Pixart Imaging Inc. PAC7010 Datasheet HTML 4Page - Pixart Imaging Inc. PAC7010 Datasheet HTML 5Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DOCUMENT CONTROLLED
文件編號 :
文件標題 :
PAC7010LU Specification Spec.
版
次 :
01
Page
2
of
5
本 資 料 所 有 權 屬 原 相 科 技 股 份 有 限 公 司 ,
非 經 准 許 不 可 翻 印 、 複 印 或 轉 變 任 何 其 他 形 式 .
This specification is the property of PixArt and shall not be reproduced, copied or transformed to any other forms without permission.
Skip mode ( 100 fps is 1 skipped ) Current consumption typical 10mA, (maximum 13mA)
@27MHz @VDDMAIN=3.6V
Power Down: Typical 20uA, Max. 60µA ( wake up by UART ) @27MHz @VDDMAIN=2.8V
Current consumption estimate for operating at 16MHz @VDDMAIN=3.6V:
Power management mode
Frame rate (fps)
Current consumption (mA)
Fast Mode
120 fps
10.7mA
Skip Mode
60 fps (skip 1 frame)
7.9mA
Skip mode: User can set how many frame data to ignore to save power based on fast mode frame rate.
However, Vsync signal is keeping ouput based on the Fast mode frame rate. For example, when user set
skip n frames, the current consumption will become: ((10.5*x/27 + 4.5) + (1*x/27 + 4.5)*n)/(1+n). And
sensor will output 1st frame data, then skip n frame data w/o data output. Where n= skip frame number;
x = system clock (Mhz)
Power supply and IO voltage
(Main power voltage, IO voltage)=(2.0V~3.6V)
Package: CSP



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com