Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7010 Datasheet(PDF) 3 Page - Pixart Imaging Inc.

Part # PAC7010
Description  motion tracing ASIC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7010 Datasheet(HTML) 3 Page - Pixart Imaging Inc.

  PAC7010 Datasheet HTML 1Page - Pixart Imaging Inc. PAC7010 Datasheet HTML 2Page - Pixart Imaging Inc. PAC7010 Datasheet HTML 3Page - Pixart Imaging Inc. PAC7010 Datasheet HTML 4Page - Pixart Imaging Inc. PAC7010 Datasheet HTML 5Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DOCUMENT CONTROLLED
文件編號 :
文件標題 :
PAC7010LU Specification Spec.
版
次 :
01
Page
3
of
5
本 資 料 所 有 權 屬 原 相 科 技 股 份 有 限 公 司 ,
非 經 准 許 不 可 翻 印 、 複 印 或 轉 變 任 何 其 他 形 式 .
This specification is the property of PixArt and shall not be reproduced, copied or transformed to any other forms without permission.
3
Ball Description:
 14-Balls CSP
Ball No.
Name
Type Definition
A1
RSTN
IN
Reset pin, low active
A3
ATPG
IN
Test Mode Select; active high
A4
VDDAY
IN
Internal voltage reference
B1
CLKEN
OUT Control External Oscillator enable pin; if high CLK input
B2
RXD
IN
RXD for UART
B3
VDDA18V
PWR Regulator output for Analog power
B4
VSSA
GND Analog ground
C1
VSYNC
OUT Sensor Vsync
C2
OMDO/GPO
OUT
Reg_0x28 Bit[7]:
If Reg_0x28 bit0=1; bit7=0 output low, bit7=1output high
Reg_0x28 Bit[0] defined OMDO/GPO pin as:
0: OMDO output object motion detect output pin.
1: GPO generation purpose output (defined by Reg_0x28 bit[4:0])
C3
VDDMAIN
PWR 2.0V ~ 3.6V External provide for PAC7010 regulator power
C4
VDDD18V
PWR Regulator output for Digital power
D1
VSSD
GND Digital ground
D3
TXD
OUT TXD for UART
D4
CLK
IN
Oscillator input for system clock,



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com