Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE0604 Datasheet(PDF) 12 Page - Tyco Electronics

Part # ADE0604
Description  Switches Core Program
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE0604 Datasheet(HTML) 12 Page - Tyco Electronics

Back Button ADE0604 Datasheet HTML 8Page - Tyco Electronics ADE0604 Datasheet HTML 9Page - Tyco Electronics ADE0604 Datasheet HTML 10Page - Tyco Electronics ADE0604 Datasheet HTML 11Page - Tyco Electronics ADE0604 Datasheet HTML 12Page - Tyco Electronics ADE0604 Datasheet HTML 13Page - Tyco Electronics ADE0604 Datasheet HTML 14Page - Tyco Electronics ADE0604 Datasheet HTML 15Page - Tyco Electronics ADE0604 Datasheet HTML 16Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Catalogue No. 1308111
Issued 03/2008
Dimensions are in mm and are shown
for reference purposes only.
Specifications subject to change.
www.tycoelectronics.com
11
Switches
MP Series
I Caps in different colours
up to 4
Break before Make
No
MPE: splash proof (meets IP65)
THT, Panel mount, Wire lug
Optional caps for MPA, MPE
No
6 A @ 120 Vac, 3 A @ 250 Vac
50,000 ops.
-20…+80°C
13 x 8.1...22.5 x 14...17.3 mm
Bulk
TP Series
I Miniature
I Dual actuator available
1 or 2
Break before Make
right angle and vertical right angle
Process sealed optional
THT, Wire lug, different bushing
styles
round, rectangular
Yes
Gold: 20 mA @ 20 Vdc
Silver: 1 A @ 125 Vac, 28 Vdc
100,000 ops.
-30…+65°C
8.1 x 5.2 x 8.1 mm
Bulk
Push Buttons
Push buttons
Number of poles
Contact timing
Right angle versions
Sealing
Mounting style
Actuator style
Flush actuator versions
Contact rating
Electrical endurance
Operating temperature range
Dimensions case (LxWxH)
Packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com