Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE0604 Datasheet(PDF) 18 Page - Tyco Electronics

Part # ADE0604
Description  Switches Core Program
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE0604 Datasheet(HTML) 18 Page - Tyco Electronics

Back Button ADE0604 Datasheet HTML 14Page - Tyco Electronics ADE0604 Datasheet HTML 15Page - Tyco Electronics ADE0604 Datasheet HTML 16Page - Tyco Electronics ADE0604 Datasheet HTML 17Page - Tyco Electronics ADE0604 Datasheet HTML 18Page - Tyco Electronics ADE0604 Datasheet HTML 19Page - Tyco Electronics ADE0604 Datasheet HTML 20Page - Tyco Electronics ADE0604 Datasheet HTML 21Page - Tyco Electronics ADE0604 Datasheet HTML 22Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Catalogue No. 1308111
Issued 03/2008
Dimensions are in mm and are shown
for reference purposes only.
Specifications subject to change.
www.tycoelectronics.com
Switches
17
Preferred Part Numbers - Tactile Switches (Continued)
Product key
Act. Force
Height
Mounting
Packaging
Part number
F
FS
SM
MJ
J S
Se
erriie
es
s
FSM2JH
1.6 N
4.3 mm
THT
bulk
1825910-2
FSM2JAH
2.6 N
1825910-3
F
FS
SM
MC
CD
D,, S
Sq
qu
ua
arre
e B
Bu
utttto
on
n
FSMCD1H
1.6 N
7.5mm, A 2.42mm
THT
bulk
1825967-1
FSMCD2H
7.5mm, A 2.8mm
1825967-2
F
FS
SM
MR
RA
AC
CD
D,, S
Sq
qu
ua
arre
e B
Bu
utttto
on
n,, R
Riig
gh
htt A
An
ng
glle
e
FSMRACD1H
1.6 N
6.35mm, A 2.42mm
THT
bulk
1825968-1
FSMRACD2H
6.35mm, A 2.8mm
1825968-2
F
FS
SM
MJ
JS
SM
M,, S
SM
MT
T M
Mo
ou
un
nttiin
ng
g
FSM2JSMLS
1.0 N
4.3 mm
SMT
bulk
1977223-1
FSM2JSMLSTR
tape and reel
1977223-2
FSM2JSMAS
1.6 N
bulk
1977223-3
FSM2JSMASTR
tape and reel
1977223-4
FSM2JSMAAS
2.6 N
bulk
1977223-5
FSM2JSMAASTR
tape and reel
1977223-6
FSM4JSMXLS
0.7 N
5 mm
bulk
1-1977223-3
FSM4JSMXLSTR
tape and reel
1-1977223-4
FSM4JSMAS
1.6 N
bulk
1977223-9
FSM4JSMASTR
tape and reel
1-1977223-0
FSM4JSMAAS
2.6 N
bulk
1-1977223-1
FSM4JSMAASTR
tape and reel
1-1977223-2
FSM6JSMAS
1.6 N
7 mm
bulk
1-1977223-7
FSM6JSMASTR
tape and reel
1-1977223-8
FSM6JSMAAS
2.6 N
bulk
1-1977223-9
FSM6JSMAASTR
tape and reel
2-1977223-0
F
FS
SM
MJ
JE
EL
L,, E
Ex
xtte
en
nd
de
ett L
Liiffe
e,, J
J--L
Le
ea
ad
d
FSM2JELJ
1.6 N
2.5 mm
SMT/J
bulk
1571625-5
FSM2JELJTR
tape and reel
1571625-6
F
FS
SM
MJ
JE
EL
L,, E
Ex
xtte
en
nd
de
ett L
Liiffe
e,, G
Gu
ullll W
Wiin
ng
g
FSM2JELG
1.6 N
2.5 mm
SMT/G
bulk
1571626-5
FSM2JELGTR
tape and reel
1571626-6
F
FS
SM
MJ
JE
EL
L,, E
Ex
xtte
en
nd
de
ett L
Liiffe
e,, G
Gu
ullll W
Wiin
ng
g,, G
Grro
ou
un
nd
d T
Te
errm
miin
na
all
FSM2JELGE
1.6 N
2.5 mm
SMT/G
bulk
1571636-5
FSM2JELGETR
tape and reel
1571636-6
F
FS
SM
M1
1L
LP
P,, L
Lo
ow
w P
Prro
offiille
e
FSM1LPS
1.6 N
3.09 mm
SMT
bulk
1977263-1
FSM1LPSTR
tape and reel
1977263-2
FSM1LPAS
2.6 N
bulk
1977263-3
FSM1LPASTR
tape and reel
1977263-4
F
FS
SM
MJ
JS
S,, S
Se
ea
alle
ed
d 7
7..6
6 m
mm
m
FSM1JSSM
1.6 N
3.3 mm
SMT
bulk
1571296-1
FSM1JSSMTR
tape and reel
1571296-2
FSM2JS
4.3 mm
THT
bulk
1571295-1
FSM2JSSM
SMT
1571294-1
FSM2JSSMTR
tape and reel
1571294-2
FSM4JS
5 mm
THT
bulk
1571295-2
FSM4JSSM
SMT
1571294-3
FSM4JSSMTR
tape and reel
1571294-4
F
FS
SM
MJ
JS
S,, S
Se
ea
alle
ed
d 6
6 m
mm
m
FSM1JS6
1.6 N
4,3 mm
THT
bulk
1977121-1
FSM2JS6SM
SMT
1977265-1
FSM2JS6SMTR
tape and reel
1977265-2
F
FS
SM
MR
RA
AJ
JS
S,, S
Se
ea
alle
ed
d R
Riig
gh
htt A
An
ng
glle
e
FSMRAJS1SM
2.6 N
SMT
bulk
1571407-1
FSMRAJS1SMTR
tape and reel
1571407-2
F
FS
SM
MR
RA
AJ
J,, R
Riig
gh
htt A
An
ng
glle
e
Shaft length
FSMRA1JH
1.6 N
0.55 mm
THT
bulk
1825027-2
FSMRA2JH
1.25 mm
1825027-5
FSMRA3JH
3.25 mm
1825027-8
FSMRA4JH
5.74 mm
1-1825027-1
FSMRA5JH
3.55 mm
1-1825027-4
FSMRA6JH
4.25 mm
1-1825027-7
FSMRA7JH
9.25 mm
2-1825027-0
FSMRA8JH
13.26 mm
2-1825027-3
FSM 6 x 6 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com