Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSL3921 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # WSL3921
Description  Power Metal Strip® Resistors, Low Value (down to 0.0002 Ohm), Surface Mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSL3921 Datasheet(HTML) 2 Page - Vishay Siliconix

  WSL3921 Datasheet HTML 1Page - Vishay Siliconix WSL3921 Datasheet HTML 2Page - Vishay Siliconix WSL3921 Datasheet HTML 3Page - Vishay Siliconix WSL3921 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WSL3921, WSL5931
www.vishay.com
Vishay Dale
Revision: 10-Jan-14
2
Document Number: 30110
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS
DERATING - AMBIENT TEMPERATURE
DERATING - TERMINAL TEMPERATURE
Example: WSL3921 0.0005
Example: WSL5931 0.0005
H
L
T
W
D
I
d
b
Ambient Temperature in °C
170
125
100
70
25
0
-25
-50
-65
50
120
100
80
60
40
20
0
150
MODEL
DIMENSIONS in inches (millimeters)
LW
H
T
WSL3921
0.394 ± 0.010
(10.0 ± 0.254)
0.205 ± 0.010
(5.20 ± 0.254)
0.020
(0.5)
0.080 ± 0.010
(2.00 ± 0.254)
WSL5931
0.591 ± 0.010
(15.0 ± 0.254)
0.305 ± 0.010
(7.75 ± 0.254)
0.020
(0.5)
0.157 ± 0.010
(4.00 ± 0.254)
MODEL
SOLDER PAD DIMENSIONS in inches (millimeters)
db
l
WSL3921
0.106 ± 0.010
(2.70 ± 0.254)
0.244 ± 0.010
(6.20 ± 0.254)
0.220 ± 0.005
(5.60 ± 0.13)
WSL5931
0.205 ± 0.010
(5.20 ± 0.254)
0.344 ± 0.010
(8.75 ± 0.254)
0.220 ± 0.005
(5.60 ± 0.13)
GLOBAL
MODEL
RESISTANCE
VALUE
(m
)
“D”
THICKNESS
(Inches)
ELEMENT
MATERIAL
WSL3921
0.3
0.0510
Mn-Cu
WSL3921
0.5
0.0300
Mn-Cu
WSL3921
1.0
0.0150
Mn-Cu
WSL3921
2.0
0.0270
Fe-Cr
WSL3921
3.0
0.0170
Fe-Cr
WSL3921
4.0
0.0130
Fe-Cr
WSL5931
0.2
0.0485
Mn-Cu
WSL5931
0.3
0.0300
Mn-Cu
WSL5931
0.5
0.0180
Mn-Cu
WSL5931
1.0
0.0330
Fe-Cr
WSL5931
2.0
0.0155
Fe-Cr
WSL5931
3.0
0.0105
Fe-Cr
Terminal Temperature T
K in °C
180
160
140
120
80
60
40
20
0
100
120
100
80
60
40
20
0
Stability < 1.0 %
Stability < 0.5 %
Terminal Temperature T
K in °C
180
160
140
120
80
60
40
20
0
100
120
100
80
60
40
20
0
Stability < 1.0 %
Stability < 0.5 %



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com