Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSL3921 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # WSL3921
Description  Power Metal Strip® Resistors, Low Value (down to 0.0002 Ohm), Surface Mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSL3921 Datasheet(HTML) 3 Page - Vishay Siliconix

  WSL3921 Datasheet HTML 1Page - Vishay Siliconix WSL3921 Datasheet HTML 2Page - Vishay Siliconix WSL3921 Datasheet HTML 3Page - Vishay Siliconix WSL3921 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WSL3921, WSL5931
www.vishay.com
Vishay Dale
Revision: 10-Jan-14
3
Document Number: 30110
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Embossed Carrier Tape per EIA-481.
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
Thermal shock
-55 °C to +150 °C, 1000 cycles, 15 min at each extreme
± (1.0 % + 0.0005
) R
Short time overload
5 x rated power for 5 s
± (0.5 % + 0.0005
) R
Low temperature storage
-65 °C for 45 min
± (0.5 % + 0.0005
) R
High temperature exposure
1000 h at +170 °C
± (1.0 % + 0.0005
) R
Bias humidity
+85 °C, 85 % RH, 10 % bias, 1000 h
± (0.5 % + 0.0005
) R
Mechanical shock
100 g’s for 6 ms, 5 pulses
± (0.5 % + 0.0005
) R
Vibration
Frequency varied 10 Hz to 2000 Hz in 1 min, 3 directions, 12 h
± (0.5 % + 0.0005
) R
Load life
1000 h at +70 °C, 1.5 h “ON”, 0.5 h “OFF”
± (1.0 % + 0.0005
) R
Resistance to solder heat
+260 °C solder, 10 s to 12 s dwell, 25 mm/s emergence
± (0.5 % + 0.0005
) R
Moisture resistance
MIL-STD-202, method 106, 0 % power, 7a and 7b not required
± (0.5 % + 0.0005
) R
PACKAGING
MODEL
REEL
TAPE WIDTH
DIAMETER
PIECES/REEL
CODE
WSL3921
16 mm/embossed plastic
330 mm/13"
3000
EA
WSL5931
24 mm/embossed plastic
330 mm/13"
1500
EA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com