Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDF6311 Datasheet(PDF) 1 Page - API Technologies Corp

Part # DDF6311
Description  FIVE & SIX CHANNEL HIGH SPEED DRIVERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

DDF6311 Datasheet(HTML) 1 Page - API Technologies Corp

  DDF6311 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FIVE & SIX CHANNEL
HIGH SPEED DRIVERS
DDF5311
DDF6311
Spectrum Microwave
Tel: 508-485-6350 Fax: 508-485-5168
165 Cedar Hill Street, Marlborough, Ma 01752
www.SpectrumMicrowave.com
Independent high speed drivers with 300 mA peak
current spikes.
1. Inputs are non-inverting when Mode control has a
logic high input.
2. Inputs are inverting when Mode control has a logic
low input.
3. To increase switching spike currents, add a capacitor
of up to 560 pF between the output and TP pins.
4. Mode control and input pins are interchangeable
within any one channel.
5. When driving anode-grounded diodes, excessive
power dissipation must be avoided. Vgg should
be limited to -8 V with -5 V recommended.
6. These drivers do not have a true current source
output. Instead the output is connected to a 380-ohm
resistor in parallel with a 560 pF capacitor and the
driven end of this RC combination is switched
between +4 V and Vee so that the negative output
current varies directly with Vee.
Ground
Input #1
M ode Control #1
Input #2
M ode Control #2
Input #3
M ode Control #3
Input #4
M ode Control #4
Input #5
M ode Control #5
Input #6
M ode Control #6
Ground
Output #1
TP1
TP2
Output #2
Output #3
TP3
+5V
TP4
Output #4
Output #5
TP5
TP6
Output #6
-12V
.010 ± .002
Pkg
Bottom
.150 max
0.067 typ
0.015 ± 0.003 typ
0.050 typ
0.500 min
0.075 max
0.075 max
DDF5311/6311
XXXX
0.770 sq. (max)
METAL WELDED PACKAGE


Similar Part No. - DDF6311

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
DDF6311 APITECH-DDF6311 Datasheet
1Mb / 1P
FIVE & SIX CHANNEL HIGH SPEED DRIVERS
DDF6311 APITECH-DDF6311 Datasheet
279Kb / 6P
PIN Diode Drivers
DDF6311 APITECH-DDF6311 Datasheet
279Kb / 6P
PIN Diode Drivers
DDF6311 APITECH-DDF6311 Datasheet
279Kb / 6P
PIN Diode Drivers
More results

Similar Description - DDF6311

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BV-A301RD ETC-BV-A301RD Datasheet
132Kb / 1P
FIVE SIX DIGIT LED DISPLAYS
IL26X ETC-IL26X Datasheet
489Kb / 7P
High Speed Five Channel Digital Coupler
logo
Advanced Analogic Techn...
AAT4296 ANALOGICTECH-AAT4296 Datasheet
729Kb / 17P
Five/Six Channel Push/Pull I/O Expander
logo
List of Unclassifed Man...
IL260 ETC-IL260 Datasheet
514Kb / 10P
High Speed Five Channel Digital Couplers
logo
Advanced Analog Technol...
AAT4296 AAT-AAT4296 Datasheet
778Kb / 18P
Five/Six Channel Push/Pull I/O Expander
2006.12.1.3
logo
Texas Instruments
TPS2816-Q1 TI-TPS2816-Q1 Datasheet
394Kb / 21P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVERS
logo
Advanced Analogic Techn...
AAT4296 ANALOGICTECH-AAT4296_06 Datasheet
778Kb / 18P
Five/Six Channel Push/Pull I/O Expander
logo
API Technologies Corp
DDF5311 APITECH-DDF5311 Datasheet
1Mb / 1P
FIVE & SIX CHANNEL HIGH SPEED DRIVERS
logo
Texas Instruments
TPS2816-Q1 TI1-TPS2816-Q1_15 Datasheet
830Kb / 24P
Single-Channel High-Speed MOSFET Drivers
logo
Supertex, Inc
MD1715 SUTEX-MD1715 Datasheet
721Kb / 9P
Two Channel, Five Level, High Speed Ultrasound Driver IC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com