Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDF3311 Datasheet(PDF) 5 Page - API Technologies Corp

Part # DDF3311
Description  PIN Diode Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

DDF3311 Datasheet(HTML) 5 Page - API Technologies Corp

  DDF3311 Datasheet HTML 1Page - API Technologies Corp DDF3311 Datasheet HTML 2Page - API Technologies Corp DDF3311 Datasheet HTML 3Page - API Technologies Corp DDF3311 Datasheet HTML 4Page - API Technologies Corp DDF3311 Datasheet HTML 5Page - API Technologies Corp DDF3311 Datasheet HTML 6Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DD311A
DD311A M *
Ultra High Speed SPST
A n inverting only ultra high speed driver w ith
300 mA sw itching current spikes. The DD311A
output (pin 2) is connected to a 360 ohm resistor
paralleled w ith a 560 pF capacitor and the driven
end (pin 11) of the resistor/capacitor combination
is sw itched betw een +4 and -10 V.
1. The DD311A should be driven f rom an otherw ise
unloaded 54S, 54A S, or 54F type gate to achieve
rated sw itching times. Input capacitance is ap-
proximately 50 pF.
2. To increase sw itching peak currents, add a capaci-
tor of up to 560 pF betw een the output and TP pin.
* M suf f ix denotes w elded metal package instead of standard epoxy-sealed
ceramic package.
V ee (– % V to – 15V )
Output
Ground
N/C
Input
M ode Control
+5V
1
7
14
8
11
22
425 SQ
M A X
425 SQ
M A X
DD320/420/620
DD320/420/620
X X X X
TOP V IEW
Pkg Bottom
100
(.115 M )
M A X
0.035
0.050
TP
0.015
TY P
250 M IN TY P.
.0.05 ± .001
010 TY P.
+002 (M * )
V ee (– % V to – 15V )
Output
Ground
Inv Input
+5V
.115
M A X
0.035
0.050
Pkg Bottom
0.015
±.003
.005 ±.001
.010 TY P
+002 (M * )
1
7
14
8
TP
250 M IN TY P
DD311A
X X X X
TOP V IEW
DDF311
DDF311M *
High Speed Drivers
Single channel high speed drivers w ith 300 mA
peak current spikes.
1. Inputs are non-inverting w hen M ode control has a
logic high input.
2. Inputs are inverting w hen M ode control has logic
low input.
3. To increase sw itching peak currents, add a capaci-
tor of up to 560 pF betw een the output and TP pin.
4. M ode control and input pins are interchangeable
w ithin any one channel.
5. D DF311 Series drivers do not have a true current
source output. Instead the output is connected to a
380-ohm resistor in parallel w ith a 560 pF capacitor
and the driven end of this RC combination is
sw itched betw een +4 and V ee so that the negative
output current varies directly w ith V ee.
* M suf f ix denotes w elded metal package instead of standard epoxy-sealed
ceramic package.
Continued on next page.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com