Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDF3311 Datasheet(PDF) 1 Page - API Technologies Corp

Part # DDF3311
Description  PIN Diode Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

DDF3311 Datasheet(HTML) 1 Page - API Technologies Corp

  DDF3311 Datasheet HTML 1Page - API Technologies Corp DDF3311 Datasheet HTML 2Page - API Technologies Corp DDF3311 Datasheet HTML 3Page - API Technologies Corp DDF3311 Datasheet HTML 4Page - API Technologies Corp DDF3311 Datasheet HTML 5Page - API Technologies Corp DDF3311 Datasheet HTML 6Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PIN Diode Drivers
Spectrum Microwave
o ffers a complete line-up of PIN diode switch
drivers with output current capability of 10 mA to 50 mA and
switching speeds as fast as 6 ns. Thin film metalization on ceramic
substrates ensures low parasitic capacitance for fast switching, small
size, and excellent reliability. AH FMt drivers are designed by our
experienced engineering staff; thus, if the drivers listed in the
table below do not meet your requirements, we would be happy
to discuss a custom circuit to fit your exact needs.
FEATURES
• M IL-STD-883 Level B Screening available
• Inverting and Non-inverting modes
• Positive and negative output currents
• –55º to +125ºC operating temp range
• –65º to –150ºC storage temp range
DD111/M
1 12/24 18/36
12
18
100
150
DD211/M
2
12
18
12
18
100
150
DD211B
2
24
36
12
18
100
150
DD311A
1
8
12
24
36
300
300
DDF11/M
1
8
12
24
36
300
300
DDF2311
2
8
12
24
36
300
300
DDF3311
3
8
12
24
36
300
300
DDF4311
4
8
12
24
36
300
300
DDF5311
5
8
12
24
36
300
300
DDF6311
6
8
12
24
36
300
300
2.5
5.5
25
25
5
45
25
4.5
5.5
5
16
0.8
0.5
2.5
5.5
25
25
5
90
50
4.5
5.5
5
16
1.6
0.5
2.5
5.5
25
25
5
90
50
4.5
5.5
5
16
1.6
0.5
4.0
11.0
6
8
20
15
15
4.5
5.5
5
16
0.8
0.5
4.0
11.0
12
15
10
45
15
4.5
5.5
5
16
0.8
0.5
4.0
11.0
12
15
10
60
30
4.5
5.5
5
16
1.0
0.8
4.0
11.0
12
15
10
75
45
4.5
5.5
5
16
1.5
1.2
4.0
11.0
12
15
10
90
60
4.5
5.5
5
16
1.9
1.2
4.0
11.0
12
15
10
135
75
4.5
5.5
5
16
2.8
1.6
4.0
11.0
12
15
10
150
90
4.5
5.5
5
16
3.3
1.6
M ODEL
OUTPUT CURRENT
M INIM UM
OPEN CK T
OUTPUT (V )
M A X IM UM
SW ITCHING
TIM ES (n s )
M INIM UM
PEA K (PA )
D.C. (m A )
POSITIV E
M IN
M A X
NEGA TIV E
M IN
M A X POS
NEG POS
NEG
1
2
3
M IN
M A X
To n
To ff
+5V
V ee
M IN
M A X
M A X
REP.
RA TE
(M Hz )
M A X IM UM
INTERNA L
CURRENT
DRA IN
(m A )
OPERA TING V OLTA GE
LIM ITS (V )
4
M A X
POW ER
DISSIPA -
TION (W )
5
+5V
V ee
100º C
CA SE
25º C
A M B
Specifications subject to change without notice.
165 Cedar Hill Street,Marlborough,MA01752 Tel:508.485.6350 Fax: 508.485.5168
www.SpectrumMicrowave.com
NOTES:
1. Output current is measured into a 10 Ohm load to ground.
2. Load is a 50 pF (39 + 10 scope probe) capacitor in parallel with a grounded cathode HP5082-0C01 PIN diode.
Ton is measured from 50% of input (from a S<ASOO gate) to 10 +1 V diode load.
Toff is measured from 50% of input to the rated open ckt negative voltage across diode load.
3. Exclusive of current supplied to the load.
4. To avoid exceeding power rating, the max. Vee should be held to 5 V when driving grounded anode diode.
5. De-rate linearity to 175 º C. Temperature is measured at case bottom, which should be heat sunk if necessary.


Similar Part No. - DDF3311

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
DDF3311 APITECH-DDF3311 Datasheet
1Mb / 1P
2-, 3- & 4-CHANNEL HIGH SPEED DRIVERS
DDF3311 APITECH-DDF3311 Datasheet
279Kb / 6P
PIN Diode Drivers
DDF3311 APITECH-DDF3311 Datasheet
1Mb / 1P
2-, 3- & 4-CHANNEL HIGH SPEED DRIVERS
DDF3311 APITECH-DDF3311 Datasheet
279Kb / 6P
PIN Diode Drivers
More results

Similar Description - DDF3311

ManufacturerPart #DatasheetDescription
logo
Rohm
RN142S ROHM-RN142S Datasheet
43Kb / 3P
PIN diode
logo
Torex Semiconductor
1106_XB15A402 TOREX-1106_XB15A402 Datasheet
103Kb / 2P
PIN DIODE
logo
AUK corp
SDP510WMU AUK-SDP510WMU_1 Datasheet
47Kb / 3P
Pin Diode
logo
Fairchild Semiconductor
FOD420 FAIRCHILD-FOD420 Datasheet
295Kb / 12P
6-Pin DIP Triac Drivers
logo
Microsemi Corporation
MSD7801 MICROSEMI-MSD7801 Datasheet
462Kb / 2P
PIN Diode Switch Drivers TM
logo
Maxim Integrated Produc...
MAX3930 MAXIM-MAX3930 Datasheet
849Kb / 14P
10.7Gbps Laser Diode Drivers
Rev 3; 3/02
logo
API Technologies Corp
DDF3311 APITECH-DDF3311 Datasheet
279Kb / 6P
PIN Diode Drivers
DD217 APITECH-DD217 Datasheet
279Kb / 6P
PIN Diode Drivers
logo
Rohm
RN141STE61 ROHM-RN141STE61 Datasheet
400Kb / 3P
PIN diode
logo
Wavelength Electronics,...
PLD WAVELENGTH-PLD Datasheet
2Mb / 21P
Laser Diode Drivers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com