Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4841-1YRZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4841-1YRZ-R7
Description  Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4841-1YRZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADA4841-1YRZ-R7 Datasheet HTML 1Page - Analog Devices ADA4841-1YRZ-R7 Datasheet HTML 2Page - Analog Devices ADA4841-1YRZ-R7 Datasheet HTML 3Page - Analog Devices ADA4841-1YRZ-R7 Datasheet HTML 4Page - Analog Devices ADA4841-1YRZ-R7 Datasheet HTML 5Page - Analog Devices ADA4841-1YRZ-R7 Datasheet HTML 6Page - Analog Devices ADA4841-1YRZ-R7 Datasheet HTML 7Page - Analog Devices ADA4841-1YRZ-R7 Datasheet HTML 8Page - Analog Devices ADA4841-1YRZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
ADA4841-1/ADA4841-2
Rev. E | Page 3 of 20
SPECIFICATIONS
TA = 25°C, VS = ±5 V, RL = 1 kΩ, Gain = +1, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
VO = 0.02 V p-p
58
80
MHz
VO = 2 V p-p
3
MHz
Slew Rate
G = +1, VO = 9 V step, RL = 1 kΩ
12
13
V/μs
Settling Time to 0.1%
G = +1, VO = 8 V step
650
ns
Settling Time to 0.01%
G = +1, VO = 8 V step
1000
ns
NOISE/HARMONIC PERFORMANCE
Harmonic Distortion HD2/HD3
fC = 100 kHz, VO = 2 V p-p, G = +1
−111/−105
dBc
fC = 1 MHz, VO = 2 V p-p
−80/−67
dBc
Input Voltage Noise
f = 100 kHz
2.1
nV/√Hz
Input Current Noise
f = 100 kHz
1.4
pA/√Hz
DC PERFORMANCE
Input Offset Voltage
40
300
μV
Input Offset Voltage Drift
1
μV/°C
Input Bias Current
3
5.3
μA
Input Offset Current
0.1
0.5
μA
Open-Loop Gain
VO = ±4 V
103
120
dB
INPUT CHARACTERISTICS
Input Resistance, Common Mode
90
MΩ
Input Resistance, Differential Mode
25
kΩ
Input Capacitance, Common Mode
1
pF
Input Capacitance, Differential Mode
3
pF
Input Common-Mode Voltage Range
−5.1
+4
V
Common-Mode Rejection Ratio (CMRR)
VCM = Δ 4 V
95
115
dB
MATCHING CHARACTERISTICS (ADA4841-2)
Input Offset Voltage
70
μV
Input Bias Current
60
nA
POWER DOWN PIN (ADA4841-1)
POWER DOWN Voltage
Enabled
>3.6
V
POWER DOWN Voltage
Power down
<3.2
V
Input Current
Enable
POWER DOWN = +5 V
1
2
μA
Power Down
POWER DOWN = −5 V
−13
−30
μA
Switching Speed
Enable
1
μs
Power Down
40
μs
OUTPUT CHARACTERISTICS
Output Voltage Swing
G > +1
±4.9
±4.955
V
Output Current Limit
Sourcing, VIN = +VS , RL = 50 Ω to GND
30
mA
Sinking, VIN = −VS , RL = 50 Ω to GND
60
mA
Capacitive Load Drive
30% overshoot
15
pF
POWER SUPPLY
Operating Range
2.7
12
V
Quiescent Current/Amplifier
POWER DOWN = +5 V
1.2
1.5
mA
POWER DOWN = −5 V
40
90
μA
Positive Power Supply Rejection Ratio
+VS = +5 V to +6 V, −VS = −5 V
95
110
dB
Negative Power Supply Rejection Ratio
+VS = +5 V, −VS = −5 V to −6 V
96
120
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com