Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4841-1YRZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4841-1YRZ-R7
Description  Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4841-1YRZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4841-1YRZ-R7 Datasheet HTML 8Page - Analog Devices ADA4841-1YRZ-R7 Datasheet HTML 9Page - Analog Devices ADA4841-1YRZ-R7 Datasheet HTML 10Page - Analog Devices ADA4841-1YRZ-R7 Datasheet HTML 11Page - Analog Devices ADA4841-1YRZ-R7 Datasheet HTML 12Page - Analog Devices ADA4841-1YRZ-R7 Datasheet HTML 13Page - Analog Devices ADA4841-1YRZ-R7 Datasheet HTML 14Page - Analog Devices ADA4841-1YRZ-R7 Datasheet HTML 15Page - Analog Devices ADA4841-1YRZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
ADA4841-1/ADA4841-2
Rev. E | Page 11 of 20
6
–1
5
4
3
2
1
0
VS = 5V
G = +1
VIN = 1VDC
TIME = 10
μs/DIV
1.2
–0.2
1.0
0.8
0.6
0.4
0.2
0
+125°C
+25°C
–40°C
POWER DOWN PIN
POWER DOWN PIN
Figure 30. POWER DOWN Time vs. Temperature
1.6
–0.2
05
POWER DOWN PIN (V)
.0
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VS = 5V
+25°C
–40°C
+125°C
Figure 31. Supply Current per Amplifier vs. POWER DOWN Pin Voltage
0
–120
100
100M
FREQUENCY (Hz)
1k
10k
100k
1M
10M
–20
–40
–60
–80
–100
VS = ±5V
G = +1
Figure 32. CMR vs. Frequency
0
–120
100
100M
FREQUENCY (Hz)
1k
10k
100k
1M
10M
–20
–40
–60
–80
–100
VS = 5V
+PSR
–PSR
Figure 33. PSR vs. Frequency
100
0.001
100
100M
FREQUENCY (Hz)
1k
10k
100k
1M
10M
10
1
0.1
0.01
VS = 5V
Figure 34. Output Impedance vs. Frequency
40
–50
–40
125
TEMPERATURE (°C)
30
20
10
0
–10
–20
–30
–40
–25 –10
5
20
355065
8095
110
VS = +5V
VS = ±5V
VS = +3V
Figure 35. Input Offset Voltage vs. Temperature for Various Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com