Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5350ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5350ACPZ-R7
Description  LF to 4 GHz High Linearity Y-Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5350ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5350ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADL5350
Rev. 0 | Page 13 of 24
Supply voltage = 3 V, RF frequency = 1950 MHz, IF frequency = 190 MHz, RF level = −10 dBm, LO level = 6 dBm, TA = 25°C,
unless otherwise noted.
28
–40°C
22
23
24
25
26
27
2.7
3.5
3.4
3.3
3.2
3.1
3.0
2.9
2.8
SUPPLY VOLTAGE (V)
+25°C
+85°C
Figure 36. Input IP3 vs. Supply Voltage
20
19
18
17
–40°C
16
2.7
3.5
3.4
3.3
3.2
3.1
3.0
2.9
2.8
SUPPLY VOLTAGE (V)
+25°C
+85°C
Figure 37. Input P1dB vs. Supply Voltage
8.0
7.5
7.0
6.5
6.0
5.5
5.0
2.7
3.5
3.4
3.3
3.2
3.1
3.0
2.9
2.8
SUPPLY VOLTAGE (V)
Figure 38. Noise Figure vs. Supply Voltage
22
20
18
16
14
12
10
1800 1825 1850 1875 1900 1925 1950 1975 2000 2025 2050
RF FREQUENCY (MHz)
–40°C
+25°C
+85°C
Figure 39. Supply Current vs. RF Frequency
7.6
5.8
6.0
6.2
6.4
6.6
6.8
7.0
7.2
7.4
1800
2050
2025
2000
1975
1950
1925
1900
1875
1850
1825
RF FREQUENCY (MHz)
–40°C
+25°C
+85°C
Figure 40. Conversion Loss vs. RF Frequency
27.0
22.0
22.5
23.0
23.5
24.0
24.5
25.0
25.5
26.0
26.5
1800
2050
2025
2000
1975
1950
1925
1900
1875
1850
1825
RF FREQUENCY (MHz)
+85°C
+25°C
–40°C
Figure 41. Input IP3 vs. RF Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com