Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5350ACPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5350ACPZ-R7
Description  LF to 4 GHz High Linearity Y-Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5350ACPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5350ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5350ACPZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ADL5350
Rev. 0 | Page 21 of 24
EVALUATION BOARD
An evaluation board is available for the ADL5350. The evaluation board has two halves: a low band board designated as Board A
and a high band board designated as Board B. The schematic for the evaluation board is shown in Figure 65.
RF/IF
GND2
LOIN
NC
RF/IF
NC
VPOS
L4-B
C2-B
L2-B
C6-B
C1-B
LO-B
C3-B
L3-B
L1-B
VPOS-B
IF-B
GND1
ADL5350
U1-B
12
3
4
87
6
5
C4-B
C5-B
RF-B
RF/IF
GND2
LOIN
NC
RF/IF
NC
VPOS
L4-A
C2-A
L2-A
C6-A
C1-A
LO-A
C3-A
L3-A
L1-A
VPOS-A
IF-A
GND1
ADL5350
U1-A
12
3
4
87
6
5
C4-A
C5-A
RF-A
Figure 65. Evaluation Board
Table 9. Evaluation Board Configuration Options
Component
Function
Default Conditions
C4-A, C4-B,
C5-A, C5-B
Supply Decoupling. C4-A and C4-B provide local bypassing of the supply.
C5-A and C5-B are used to filter the ripple of a noisy supply line. These are not
always necessary.
C4-A = C4-B = 100 pF,
C5-A = C5-B = 4.7 μF
L1-A, L1-B,
C1-A, C1-B
RF Input Network. Designed to provide series resonance at the intended
RF frequency.
L1-A = 6.8 nH (0603CS from Coilcraft),
L1-B = 1.7 nH (0302CS from Coilcraft),
C1-A = 4.7 pF, C1-B = 1.5 pF
L2-A, L2-B,
C2-A, C2-B,
C6-A, C6-B
IF Output Network. Designed to provide parallel resonance at the geometric mean
of the RF and LO frequencies.
L2-A = 4.7 nH (0603CS from Coilcraft),
L2-B = 1.7 nH (0302CS from Coilcraft),
C2-A = 5.6 pF, C2-B = 1.2 pF,
C6-A = C6-B = 1 nF
L3-A, L3-B,
C3-A, C3-B
LO Input Network. Designed to block dc and optimize LO voltage swing at LOIN.
L3-A = 8.2 nH (0603CS from Coilcraft),
L3-B = 3.5 nH (0302CS from Coilcraft),
C3-A = C3-B = 100 pF
L4-A, L4-B
LO Buffer Amplifier Choke. Provides bias and ac loading impedance to LO buffer
amplifier.
L4-A = 24 nH (0603CS from Coilcraft),
L4-B = 3.8 nH (0302CS from Coilcraft)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com