Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM9308 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TM9308
Description  RF AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TM9308 Datasheet(HTML) 1 Page - API Technologies Corp

  TM9308 Datasheet HTML 1Page - API Technologies Corp TM9308 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Legend
+25 ºC
+85 ºC - - - - - - -55 ºC
Typical Intermodulation Performance at 25 ºC
Second Order Harmonic Intercept Point........+64 dBm (Typ.)
Second Order Two Tone Intercept Point.........+58 dBm (Typ.)
Third Order Two Tone Intercept Point.............+40 dBm (Typ.)
Available as:
TM9308, 4 Pin 0.500” TO-8 (T4)
TN9308, 4 Pin 0.450” Sq. Surface Mount (SM3)
BX9308, SMA Connectorized Housing (H1)
BXP9308, SMA Connectorized Housing (HPak)
Features




High Output Power: +26 dBm Typical




Ultra Broad Bandwidth 20-3000 MHz




Cross to the Cougar AP3008, our Model TM9308




Cross to the Cougar ACP3008, our Model BXP9308




Screening to the Tables of MIL-STD-883 Available
Note: Care should always be taken to effectively ground the case of each unit.
Specifications
Typical Performance Data
Maximum (No Damage) Ratings
Ambient Operating Temperature ................ -55ºC to +100 ºC
Storage Temperature ................................. -62ºC to +125 ºC
Case Temperature .................................................. +125 ºC
DC Voltage .......................................................... +18 Volts
Continuous RF Input Power .................................. +20 dBm
Short Term RF Input Power .... 100 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
μsec Max.)
RF AMPLIFIER
MODEL TM9308
Revision 5/14/2012
Spectrum Microwave · 1900 West College Ave. · State College, PA. 16801· PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
10 - 3200 MHz
20 - 3000 MHz
Power
Vdc
+15
+15
mA
185
190 Max.
Noise Figure
VSWR
In
1.7:1
2.0:1 Max.
Out
1.7:1
2.0:1 Max.
Reverse Isolation
-21 dB
-
Power @ 1 dB Comp.
(20-2500 MHz)
+26.0 dBm
+24.5 dBm Min.
(2500-3000 MHz)
+25.0 dBm
+23.0 dBm Min.
Gain
12.5 dB
10.5 dB Min.
Gain Flatness
+/- 0.5 dB
+/- 0.9 dB Max.
(200 - 3000 MHz)
3.0 dB
4.3 dB
(Typical at 25ºC under a +15 volt supply)
2.0
1.5
1.0
2.0
1.5
1.0
2
10
+28
+27
+26
+25
+24
0
-10
-20
-30
-40
13
14
12
11
Start 10 MHz
Stop 3200 MHz
Start 10 MHz
Stop 3200 MHz
Start 10 MHz
Stop 3200 MHz
Start 10 MHz
Stop 3200 MHz
Start 10 MHz
Stop 3200 MHz
Start 10 MHz
Stop 3200 MHz
10
8
6
4
Gain (dB)
Reverse Isolation (dB)
Noise Figure (dB)
Input VSWR
Output VSWR
1 dB Comp. (dBm)


Similar Part No. - TM9308

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TM9302 SPECTRUM-TM9302 Datasheet
45Kb / 1P
RF AMPLIFIER
logo
API Technologies Corp
TM9302 APITECH-TM9302 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9309 APITECH-TM9309 Datasheet
179Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - TM9308

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
BXMP1005 SPECTRUM-BXMP1005 Datasheet
41Kb / 1P
RF AMPLIFIER
BXMP1010 SPECTRUM-BXMP1010 Datasheet
42Kb / 1P
RF AMPLIFIER
BXMP1019 SPECTRUM-BXMP1019 Datasheet
41Kb / 1P
RF AMPLIFIER
BXMP1031 SPECTRUM-BXMP1031 Datasheet
65Kb / 1P
RF AMPLIFIER
BXMP1035 SPECTRUM-BXMP1035 Datasheet
42Kb / 1P
RF AMPLIFIER
CZ8020 SPECTRUM-CZ8020 Datasheet
40Kb / 1P
RF AMPLIFIER
CZ8110 SPECTRUM-CZ8110 Datasheet
42Kb / 1P
RF AMPLIFIER
CZ8120 SPECTRUM-CZ8120 Datasheet
43Kb / 1P
RF AMPLIFIER
CZ8203 SPECTRUM-CZ8203 Datasheet
62Kb / 1P
RF AMPLIFIER
CZ8310 SPECTRUM-CZ8310 Datasheet
46Kb / 1P
RF AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com