Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM9308 Datasheet(PDF) 2 Page - API Technologies Corp

Part # TM9308
Description  RF AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TM9308 Datasheet(HTML) 2 Page - API Technologies Corp

  TM9308 Datasheet HTML 1Page - API Technologies Corp TM9308 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.33
MAX.
8.38
1.52
38.61
TOUCHING, REMOVING OR INSERTING
USE ESD PRECAUTIONARY PROCEDURES WHEN
TO DAMAGE BY ELECTROSTATIC DISCHARGE (ESD).
THIS ASSEMBLY CONTAINS PARTS SENSITIVE
CAUTION
REVISIONS
ECN
REV.
DESCRIPTION
CHNG/DATE
APPVD/DATE
XXX
P1
PRELIMINARY RELEASE
2012/05/14
.29
7.30
.18
4.57
1
3 PLACE DECIMAL ±.005
2 PLACE DECIMAL ±.02
* TOLERANCES ARE: ANGLES ±1.0°
* DIMENSIONS ARE IN INCHES
* DIMENSIONAL LIMITS APPLY BEFORE PROCESSES
* PARENTHETICAL INFORMATION FOR REFERENCE ONLY
* DIMENSIONING AND TOLERANCING IAW ASME Y14.5-1994
63
* SURFACE FINISH
* MACHINED TOOL MISMATCH: .002 MAX.
* CONCENTRICITY MACHINED DIA: .002 FIM
* REMOVE ALL BURRS AND SHARP EDGES .010 RAD MAX.
* INTERPRET DRAWING IAW ASME Y14.100-2004
DO NOT SCALE DRAWING
UNLESS OTHERWISE SPECIFIED
2012/05/14
WAR
2012/05/14
H PHAM
B
SIZE
SCALE:
TITLE
DATE
DRAWN
ENGRG
QA
MFG
CHECKED
SEE SEPARATE PARTS LIST IN ELECTRONIC STORAGE
Philadelphia, PA 19154-1008 (USA)
2707 Black Lake Place
SPECTRUM MICROWAVE, INC
1
ANSI
088-00304
A
OUTLINE, HPAK
1
1
DWG NO.
SHEET
OF
CAGE CODE
60979
REV
P1
WRITTEN PERMISSION OF SPECTRUM MICROWAVE, INC ARE PROHIBITED.
REPRODUCTION OF THIS DOCUMENT, IN WHOLE OR IN PART, WITHOUT THE
THE RELEASE OF DATA CONTAINED IN THIS DOCUMENT AND THE
SPECTRUM MICROWAVE PROPRIETARY INFORMATION
THIS DOCUMENT IS THE SOLE PROPERTY OF SPECTRUM MICROWAVE, INC.
FORM NO. 1054 SIZE B1
3rd ANGLE PROJECTION
GENERATED USING SOLIDWORKS 2007
088-00304
DWG NO.
SH
REV P1
1.5:1
OF
1
1
2
3
4
A
43
B
COMPUTER ASSISTED DRAWING
B
SMI
VDC
RF OUT
RF IN
XXXXXX
XXXX
2X SMA
CONNECTOR
14.61
.58
8.38
.33
11.56
.46
6.36
19.56
.77
.25
.38
9.53
TYP.
2X
.03
0.76
GROUND TAB
12.32
3.62
.14
.44
11.05
1.78
.07
.49
MOUNTING HOLES
4 X 2-56 UNC
.10[2.54]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com