Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTV0505MC-R Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # NTV0505MC-R
Description  3kVDC Isolated 1W Dual Output SM DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NTV0505MC-R Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  NTV0505MC-R Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NTV0505MC-R Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NTV0505MC-R Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NTV0505MC-R Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NTV Series
3kVDC Isolated 1W Dual Output SM DC/DC Converters
KDC_NTV.E08 Page 1 of 4
www.murata-ps.com
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs
 
SELECTION GUIDE
Order Code1
Nominal
Input
Voltage
Output
Voltage
Output
Current
Input
Current at
Rated Load
Efficiency
Isolation
Capacitance
MTTF2
V
V
mA
mA
%
pF
kHrs
NTV0505MC
5
±5
±100
282
71
33
1697
NTV0509MC
5
±9
±55
260
77
38
682
NTV0512MC
5
±12
±42
253
79
44
343
NTV0515MC
5
±15
±33
250
80
43
188
NTV1205MC
12
±5
±100
114
73
50
559
NTV1209MC
12
±9
±55
105
79
72
375
NTV1212MC
12
±12
±42
104
80
89
243
NTV1215MC
12
±15
±33
101
82
100
154
When operated with additional external load capacitance the rise time of the input voltage will determine the maximum external
capacitance value for guaranteed start up. The slower the rise time of the input voltage the greater the maximum value of the
additional external capacitance for reliable start up.
PRODUCT OVERVIEW
The NTV series of 3kV isolation miniature
surface mounted DC/DC converters employ
leadframe technology and transfer moulding
techniques to bring all of the benefits of IC style
packaging to hybrid circuitry. The co-planar-
ity of the pin positions is based upon IEC
191-6:1990. The devices are suitable for all
applications where high volume production is
envisaged.
FEATURES
RoHS compliant
Efficiency up to 82%
Wide temperature performance at full
1 Watt load, –40°C to 85°C
UL 94V-0 package material
Footprint over pins 1.64cm2
Lead frame technology
Dual isolated output
5V & 12V input
5V, 9V, 12V and 15V output
Internal SMD construction
Toroidal magnetics
Plastic encapsulated
3kVDC isolation (1 minute)
MTTF up to 1.7 million hours
Power density 1.36W/cm3
No heatsink required
Custom solutions available
Multi layer ceramic capacitors
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
Continuous operation, 5V input types
4.5
5
5.5
V
Continuous operation, 12V input types
10.8
12
13.2
Reflected ripple current
41
47
mA p-p
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection4
1 second
Lead temperature 1.5mm from case for 10 seconds
300°C
Internal power dissipation
550mW
Input voltage VIN, NTV05 types
7V
Input voltage VIN, NTV12 types
15V
1. If components are required in tape and reel format suffix order code code with -R, e.g. NTV0505MC-R.
2. Calculated using MIL-HDBK-217F with nominal input voltage at full load.
3. 12V input types have typically 3% less load regulation change.
4. Supply voltage must be disconnected at the end of the short circuit duration.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power
TA=-40°C to 85°C
1.0
W
Voltage Set Point Accuracy
See tolerance envelope
Line regulation
High VIN to low VIN
1.0
1.2
%/%
Load Regulation3
10% load to rated load, 5V output types
10
12
%
10% load to rated load, 9V output types
6.5
8.0
10% load to rated load, 12V output types
6.0
8.5
10% load to rated load, 15V output types
6.0
7.0
Ripple and Noise
BW=DC to 20MHz, 5V output types
50
75
mV p-p
BW=DC to 20MHz, 9V output types
40
65
BW=DC to 20MHz, 12V output types
40
60
BW=DC to 20MHz, 15V output types
40
60


Similar Part No. - NTV0505MC-R

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NTV0505MC MURATA-NTV0505MC Datasheet
196Kb / 4P
3kVDC Isolated 1W Dual Output SM DC/DC Converters
NTV0505MC MURATA-NTV0505MC Datasheet
196Kb / 4P
3kVDC Isolated 1W Dual Output SM DC/DC Converters
logo
Murata Power Solutions ...
NTV0505MC MURATA-PS-NTV0505MC Datasheet
201Kb / 7P
3kVDC Isolated 1W Dual Output SM DC-DC Converters
More results

Similar Description - NTV0505MC-R

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMV-1 CANDD-NMV-1 Datasheet
121Kb / 2P
3kVDC Isolated 1W Single & Dual Output DC-DC Converters
NTV CANDD-NTV Datasheet
367Kb / 2P
3kVDC Isolated 1W Dual Output SM DC-DC Converters
logo
Murata Manufacturing Co...
NMV0505DAC MURATA-NMV0505DAC Datasheet
227Kb / 6P
3kVDC Isolated 1W Single & Dual Output DC/DC Converters
MEV1D1515SC MURATA-MEV1D1515SC Datasheet
180Kb / 10P
3kVDC Isolated 1W Single & Dual Output DC/DC Converters
NTV1215MC MURATA-NTV1215MC Datasheet
196Kb / 4P
3kVDC Isolated 1W Dual Output SM DC/DC Converters
NTV0505MC MURATA-NTV0505MC Datasheet
196Kb / 4P
3kVDC Isolated 1W Dual Output SM DC/DC Converters
logo
Murata Power Solutions ...
MEV1 MURATA-PS-MEV1 Datasheet
274Kb / 10P
3kVDC Isolated 1W Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPNA TOPPOWER-TPNA Datasheet
673Kb / 4P
1W 3KVDC Isolated Dual Output DC/DC Converters
TPV24V TOPPOWER-TPV24V Datasheet
677Kb / 3P
1W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPAT TOPPOWER-TPAT Datasheet
436Kb / 4P
1W 3KVDC Isolated Dual Output SMD DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com