Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTV0505MC-R Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # NTV0505MC-R
Description  3kVDC Isolated 1W Dual Output SM DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NTV0505MC-R Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  NTV0505MC-R Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NTV0505MC-R Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NTV0505MC-R Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NTV0505MC-R Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NTV Series
3kVDC Isolated 1W Dual Output SM DC/DC Converters
KDC_NTV.E08 Page 3 of 4
www.murata-ps.com/support
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
PIN CONNECTIONS
Pin
Function
1-VIN
3+VIN
5NA
9OV
11
-VOUT
12
NA
14
+VOUT
18
NA
20
NA
22
NA
NA - Not available for electrical connection.
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
All dimensions in mm ±0.25mm (inches ±0.01). All pins on a 2.54 (0.1) pitch.
Weight: 1.53g
Unless otherwise stated all dimensions in mm±0.5 (inches ±0.02).
Tube length : 475±2.0 (18.70±0.07).
Tube Quantity : 25
9.40 (0.370)
2.10 (0.083)
6.70 (0.264)
14.35 (0.565)
0.60±0.15 (0.024±0.006)
9.70
(0.382)
2.00
(0.079)
12.70
(0.5)
1.00 (0.040) MIN
2.54 (0.1)
RoHS COMPLIANCE, MSL AND PSL INFORMATION
This series is compatible with RoHS soldering systems and is also backward compatible with Sn/Pb soldering systems.
The NTV series has a process, moisture, and reflow sensitivity classification of MSL1 PSL R7F as defined in J-STD-020
and J-STD-075. This translates to: MSL1 = unlimited floor life, PSL R7F = Peak reflow temperature 245°C with a
limitation on the time above liquidus (217°C) which for this series is 60sec max. The pin termination finish on this product
series is Gold with a plating thickness of 0.05 microns minimum.
For further information please visit www.murata-ps.com/rohs
0.25 (0.010)
0.10 (0.004)
2.79 (0.11) MAX
6.35 (0.250)
5.85 (0.230)
6.60 (0.260)
5.95 (0.234)
1.875 (0.074) MAX
0.1 (0.004) S
10 PINS
7.70
(0.303)
11.20
10.40
(0.441)
(0.409)
2.54 (0.1)
1
2.10
(0.083)
0.65 (0.026)
0.55 (0.022)
15.24
(0.600)
12.70
(0.500)
NTV0505MC
22
XYYWW
12
0.2 (0.008)
S
10 PINS
PLANE
SEATING
DETAIL A
S
P
REFERENCE
PLANE
0.30 (0.012)
0.20 (0.008)
0.5 (0.020)
1.50 (0.059)
1.20 (0.47)
±5.00°
11
20
14
18
3
5
9



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com