Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM61 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM61
Description  LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM61 Datasheet(HTML) 1 Page - Texas Instruments

  LM61 Datasheet HTML 1Page - Texas Instruments LM61 Datasheet HTML 2Page - Texas Instruments LM61 Datasheet HTML 3Page - Texas Instruments LM61 Datasheet HTML 4Page - Texas Instruments LM61 Datasheet HTML 5Page - Texas Instruments LM61 Datasheet HTML 6Page - Texas Instruments LM61 Datasheet HTML 7Page - Texas Instruments LM61 Datasheet HTML 8Page - Texas Instruments LM61 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM61
www.ti.com
SNIS121I – JUNE 1999 – REVISED FEBRUARY 2013
LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
Check for Samples: LM61
1
FEATURES
DESCRIPTION
The
LM61
is
a
precision
integrated-circuit
2
•
Calibrated Linear Scale Factor of +10 mV/°C
temperature sensor that can sense a
−30°C to
•
Rated for Full
−30° to +100°C Range
+100°C temperature range while operating from a
•
Suitable for Remote Applications
single +2.7V supply. The LM61's output voltage is
linearly
proportional
to
Celsius
(Centigrade)
•
UL Recognized Component
temperature (+10 mV/°C) and has a DC offset of
+600
mV.
The
offset
allows
reading
negative
APPLICATIONS
temperatures without the need for a negative supply.
•
Cellular Phones
The nominal output voltage of the LM61 ranges from
+300 mV to +1600 mV for a
−30°C to +100°C
•
Computers
temperature range. The LM61 is calibrated to provide
•
Power Supply Modules
accuracies of ±2.0°C at room temperature and ±3°C
•
Battery Management
over the full
−25°C to +85°C temperature range.
•
FAX Machines
The LM61's linear output, +600 mV offset, and factory
•
Printers
calibration simplify external circuitry required in a
single supply environment where reading negative
•
HVAC
temperatures
is
required.
Because
the
LM61's
•
Disk Drives
quiescent current is less than 125
μA, self-heating is
•
Appliances
limited to a very low 0.2°C in still air. Shutdown
capability for the LM61 is intrinsic because its
inherent low power consumption allows it to be
powered directly from the output of many logic gates.
Table 1. Key Specifications
VALUE
UNIT
Accuracy at 25°C
±2.0 or ±3.0
°C (max)
Accuracy for
−30°C to +100°C
±4.0
°C (max)
Accuracy for
−25°C to +85°C
±3.0
°C (max)
Temperature Slope
+10
mV/°C
Power Supply Voltage Range
+2.7 to +10
V
Current Drain @ 25°C
125
µA (max)
Nonlinearity
±0.8
°C (max)
Output Impedance
800
Ω (max)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM61

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM61 NSC-LM61 Datasheet
242Kb / 9P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 NSC-LM61 Datasheet
674Kb / 10P
2.7V, SOT-23 or TO-92 Temperature Sensor
logo
Texas Instruments
LM61 TI2-LM61 Datasheet
932Kb / 25P
LM61 2.7-V, SOT-23 or TO-92 Temperature Sensor
REVISED NOVEMBER 2016
logo
National Semiconductor ...
LM6104 NSC-LM6104 Datasheet
118Kb / 6P
Quad Gray Scale Current Feedback Amplifier
LM6104M NSC-LM6104M Datasheet
118Kb / 6P
Quad Gray Scale Current Feedback Amplifier
More results

Similar Description - LM61

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM60 NSC-LM60 Datasheet
221Kb / 9P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 NSC-LM61 Datasheet
242Kb / 9P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM60 NSC-LM60_05 Datasheet
637Kb / 11P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 NSC-LM61_05 Datasheet
674Kb / 10P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM62 NSC-LM62_05 Datasheet
639Kb / 7P
2.7V, 15.6 mV/째C SOT-23 Temperature Sensor
logo
Texas Instruments
LM60 TI-LM60 Datasheet
1Mb / 16P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM60BIM3 TI1-LM60BIM3 Datasheet
1Mb / 17P
LM60 2.7V, SOT-23 or TO-92 Temperature Sensor
LM61CIM3 TI1-LM61CIM3 Datasheet
1Mb / 18P
LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
SM73710 TI-SM73710 Datasheet
374Kb / 12P
SM73710 2.7V, SOT-23 Temperature Sensor
LM61 TI-LM61_15 Datasheet
1Mb / 18P
LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com