Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM61 Datasheet (PDF) - Texas Instruments

LM61 Datasheet PDF - Texas Instruments
Part # LM61
Download  LM61 Download
File Size   932.89 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM61 2.7-V, SOT-23 or TO-92 Temperature Sensor

LM61 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM61 Datasheet PDF - Texas Instruments

Part # LM61
Download  LM61 Click to download

File Size   932.89 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM61 2.7-V, SOT-23 or TO-92 Temperature Sensor

LM61 Datasheet (HTML) - Texas Instruments


LM61 Product details

1 Features
1• Calibrated Linear Scale Factor of 10 mV/°C
• Rated for Full Temperature Range (–30° to
100°C)
• Suitable for Remote Applications
• UL Recognized Component
• ±2°C or ±3°C Accuracy at 25°C (Maximum)
• ±3°C Accuracy for –25°C to 85°C (Maximum)
• ±4°C Accuracy for –30°C to 100°C (Maximum)
• 10 mV/°C Temperature Slope (Maximum)
• 2.7-V to 10-V Power Supply Voltage Range
• 125-μA Current Drain at 25°C (Maximum)
• ±0.8°C Nonlinearity (Maximum)
• 800-Ω Output Impedance (Maximum)

2 Applications
• Cellular Phones
• Computers
• Power Supply Modules
• Battery Management
• FAX Machines
• Printers
• HVAC
• Disk Drives
• Appliances

3 Description
The LM61 device is a precision, integrated-circuit
temperature sensor that can sense a –30°C to 100°C
temperature range while operating from a single
2.7‑V supply. The output voltage of the LM61 is
linearly proportional to temperature (10 mV/°C) and
has a DC offset of 600 mV. The offset allows reading
negative temperatures without the need for a
negative supply. The nominal output voltage of the
LM61 ranges from 300 mV to 1600 mV for a –30°C to
100°C temperature range. The LM61 is calibrated to
provide accuracies of ±2°C at room temperature and
±3°C over the full –25°C to 85°C temperature range.
The linear output of the LM61, 600-mV offset, and
factory calibration simplify external circuitry required
in a single supply environment where reading
negative temperatures is required. Because the
quiescent current is less than 125 μA, self-heating is
limited to a very low 0.2°C in still air. Shutdown
capability for the LM61 is intrinsic because its
inherent low power consumption allows it to be
powered directly from the output of many logic gates.




Similar Part No. - LM61

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM61 NSC-LM61 Datasheet
242Kb / 9P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 NSC-LM61 Datasheet
674Kb / 10P
2.7V, SOT-23 or TO-92 Temperature Sensor
logo
Texas Instruments
LM61 TI-LM61 Datasheet
1Mb / 18P
LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
logo
National Semiconductor ...
LM6104 NSC-LM6104 Datasheet
118Kb / 6P
Quad Gray Scale Current Feedback Amplifier
LM6104M NSC-LM6104M Datasheet
118Kb / 6P
Quad Gray Scale Current Feedback Amplifier
More results


Similar Description - LM61

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM60 NSC-LM60 Datasheet
221Kb / 9P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 NSC-LM61 Datasheet
242Kb / 9P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM60 NSC-LM60_05 Datasheet
637Kb / 11P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 NSC-LM61_05 Datasheet
674Kb / 10P
2.7V, SOT-23 or TO-92 Temperature Sensor
logo
Texas Instruments
LM60 TI-LM60 Datasheet
1Mb / 16P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM60BIM3 TI1-LM60BIM3 Datasheet
1Mb / 17P
LM60 2.7V, SOT-23 or TO-92 Temperature Sensor
LM61BIM3 TI-LM61BIM3 Datasheet
1Mb / 18P
LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
LM61CIM3 TI1-LM61CIM3 Datasheet
1Mb / 18P
LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
LM60 TI-LM60_15 Datasheet
1Mb / 24P
LM60 and LM60-Q1 2.7-V, SOT-23 or TO-92 Temperature Sensor
LM61 TI-LM61_15 Datasheet
1Mb / 18P
LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com