Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM61 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM61
Description  LM61 2.7-V, SOT-23 or TO-92 Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM61 Datasheet(HTML) 4 Page - Texas Instruments

  LM61 Datasheet HTML 1Page - Texas Instruments LM61 Datasheet HTML 2Page - Texas Instruments LM61 Datasheet HTML 3Page - Texas Instruments LM61 Datasheet HTML 4Page - Texas Instruments LM61 Datasheet HTML 5Page - Texas Instruments LM61 Datasheet HTML 6Page - Texas Instruments LM61 Datasheet HTML 7Page - Texas Instruments LM61 Datasheet HTML 8Page - Texas Instruments LM61 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
LM61
SNIS121J – JUNE 1999 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: LM61
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
The junction-to-ambient thermal resistance is specified without a heat sink in still air.
6.4 Thermal Information
THERMAL METRIC(1)
LM61
UNIT
DBZ (SOT-23)
LP (TO-92)
3 PINS
3 PINS
RθJA
Junction-to-ambient thermal resistance(2)
286.3
162.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
96
85
°C/W
RθJB
Junction-to-board thermal resistance
57.1
—
°C/W
ψJT
Junction-to-top characterization parameter
5.3
29.2
°C/W
ψJB
Junction-to-board characterization parameter
55.8
141.4
°C/W
(1)
Limits are specified to TI's AOQL (Average Outgoing Quality Level).
(2)
Typical limits represent most likely parametric norm.
(3)
Maximum and minimum limits apply for TA = TJ = TMIN to TMAX.
(4)
Typical limits apply for TA = TJ = 25°C.
(5)
Accuracy is defined as the error between the output voltage and 10 mV/°C multiplied by the device's case temperature plus 600 mV, at
specified conditions of voltage, current, and temperature (expressed in °C).
(6)
Nonlinearity is defined as the deviation of the output-voltage-versus-temperature curve from the best-fit straight line, over the device's
rated temperature range.
(7)
Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output due to heating
effects can be computed by multiplying the internal dissipation by the thermal resistance.
(8)
For best long-term stability, any precision circuit gives best results if the unit is aged at a warm temperature, or temperature cycled for at
least 46 hours before long-term life test begins. This is especially true when a small (Surface-Mount) part is wave-soldered; allow time
for stress relaxation to occur. The majority of the drift occurs in the first 1000 hours at elevated temperatures. The drift after 1000 hours
does not continue at the first 1000-hour rate.
6.5 Electrical Characteristics
+VS = 3 V (DC)
(1) (2)
PARAMETER
TEST CONDITIONS
MIN(3)
TYP(4)
MAX(3)
UNIT
Accuracy(5)
TA = 25°C
LM61B
–2
2
°C
LM61C
–3
3
LM61B
–3
3
LM61C
–4
4
Output voltage at 0°C
600
mV
Nonlinearity(6)
LM61B
–0.6
0.6
°C
LM61C
–0.8
0.8
Sensor gain (average slope)
LM61B
9.7
10
10.3
mV/°C
LM61C
9.6
10
10.4
Output impedance
+VS = 3 V to 10 V
0.8
kΩ
TA = –30°C to 85°C, +VS = 2.7 V
2.3
TA = 85°C to 100°C, +VS = 2.7 V
5
Line regulation(7)
+VS = 3 V to 10 V
–0.7
0.7
mV/V
+VS = 2.7 V to 3.3 V
–5.7
5.7
mV
Quiescent current
+VS = 2.7 V to 10 V
TA = 25°C
82
125
µA
155
Change of quiescent current
+VS = 2.7 V to 10 V
±5
µA
Temperature coefficient of quiescent current
0.2
µA/°C
Long term stability(8)
TJ = TMAX = 100°C, for 1000 hours
±0.2
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com