Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM61 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM61
Description  LM61 2.7-V, SOT-23 or TO-92 Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM61 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM61 Datasheet HTML 7Page - Texas Instruments LM61 Datasheet HTML 8Page - Texas Instruments LM61 Datasheet HTML 9Page - Texas Instruments LM61 Datasheet HTML 10Page - Texas Instruments LM61 Datasheet HTML 11Page - Texas Instruments LM61 Datasheet HTML 12Page - Texas Instruments LM61 Datasheet HTML 13Page - Texas Instruments LM61 Datasheet HTML 14Page - Texas Instruments LM61 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11
LM61
www.ti.com
SNIS121J – JUNE 1999 – REVISED NOVEMBER 2016
Product Folder Links: LM61
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
9 Power Supply Recommendations
In an extremely noisy environment, it may be necessary to add filtering to minimize noise pickup. TI recommends
a 0.1-µF capacitor be added between +VS to GND to bypass the power-supply voltage, as shown in Figure 13.
10 Layout
10.1 Layout Guidelines
10.1.1 Mounting
The LM61 can be applied easily in the same way as other integrated-circuit temperature sensors. It can be glued
or cemented to a surface. The temperature that the LM61 senses is within about 0.2°C of the surface
temperature that LM61's leads are attached to.
This presumes that the ambient air temperature is almost the same as the surface temperature; if the air
temperature is much higher or lower than the surface temperature, the actual temperature measured would be at
an intermediate temperature between the surface temperature and the air temperatures.
To ensure good thermal conductivity the backside of the LM61 die is directly attached to the GND pin. The lands
and traces to the LM61 are part of the printed-circuit board, which is the object whose temperature is being
measured.
Alternatively, the LM61 can be mounted inside a sealed-end metal tube, and can then be dipped into a bath or
screwed into a threaded hole in a tank. As with any IC, the LM61 and accompanying wiring and circuits must be
kept insulated and dry, to avoid leakage and corrosion. This is especially true if the circuit may operate at cold
temperatures where condensation can occur. Printed-circuit coatings and varnishes such as Humiseal and epoxy
paints or dips are often used to ensure that moisture cannot corrode the device or connections.
10.2 Layout Examples
Figure 17. Recommended Solder Pads for SOT-23 Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com