Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM61 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM61
Description  LM61 2.7-V, SOT-23 or TO-92 Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM61 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM61 Datasheet HTML 5Page - Texas Instruments LM61 Datasheet HTML 6Page - Texas Instruments LM61 Datasheet HTML 7Page - Texas Instruments LM61 Datasheet HTML 8Page - Texas Instruments LM61 Datasheet HTML 9Page - Texas Instruments LM61 Datasheet HTML 10Page - Texas Instruments LM61 Datasheet HTML 11Page - Texas Instruments LM61 Datasheet HTML 12Page - Texas Instruments LM61 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9
LM61
www.ti.com
SNIS121J – JUNE 1999 – REVISED NOVEMBER 2016
Product Folder Links: LM61
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
8.2.1.2 Detailed Design Procedure
The LM61 is a simple temperature sensor that provides an analog output. Therefore, design requirements related
to layout outweigh other requirements in importance. See Layout for more information.
8.2.1.2.1
Capacitive Loads
The LM61 handles capacitive loading well. Without any special precautions, the LM61 can drive any capacitive
load as shown in Figure 12. Over the specified temperature range the LM61 has a maximum output impedance
of 5 kΩ. In an extremely noisy environment it may be necessary to add some filtering to minimize noise pickup. It
is recommended that 0.1-µF capacitor be added between +VS and GND to bypass the power-supply voltage, as
shown in Figure 13. In a noisy environment it may be necessary to add a capacitor from VOUT to ground. A 1-µF
output capacitor with the 5-kΩ maximum output impedance forms a 32-Hz lowpass filter. Because the thermal
time constant of the LM61 is much slower than the 5-ms time constant formed by the RC, the overall response
time of the LM61 is not significantly affected. For much larger capacitors this additional time lag increases the
overall response time of the LM61.
Figure 12. LM61 No Decoupling Required for Capacitive Load
Figure 13. LM61 with Filter for Noisy Environments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com