Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM61 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM61
Description  LM61 2.7-V, SOT-23 or TO-92 Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM61 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM61 Datasheet HTML 8Page - Texas Instruments LM61 Datasheet HTML 9Page - Texas Instruments LM61 Datasheet HTML 10Page - Texas Instruments LM61 Datasheet HTML 11Page - Texas Instruments LM61 Datasheet HTML 12Page - Texas Instruments LM61 Datasheet HTML 13Page - Texas Instruments LM61 Datasheet HTML 14Page - Texas Instruments LM61 Datasheet HTML 15Page - Texas Instruments LM61 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
1
+V
S
V
O
GND
Via to ground plane
Via to power plane
2
3
12
LM61
SNIS121J – JUNE 1999 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: LM61
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Layout Examples (continued)
A.
1/2 in.2 printed-circuit board with 2 oz copper foil or similar.
Figure 18. Printed-Circuit Board Used for Heat Sink to Generate All Curves
Figure 19. PCB Layout
10.3 Thermal Considerations
The junction-to-ambient thermal resistance is the parameter used to calculate the rise of a device junction
temperature due to its power dissipation. For the LM61, Equation 2 is used to calculate the rise in the die
temperature.
TJ = TA + RθJA × ((+VS × IQ) + (+VS – VO) × IL)
where
•
IQ is the quiescent current
•
ILis the load current on the output
(2)
Table 2 summarizes the rise in die temperature of the LM61 without any loading with a 3.3-V supply, and the
thermal resistance for different conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com