Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM61 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM61
Description  LM61 2.7-V, SOT-23 or TO-92 Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM61 Datasheet(HTML) 3 Page - Texas Instruments

  LM61 Datasheet HTML 1Page - Texas Instruments LM61 Datasheet HTML 2Page - Texas Instruments LM61 Datasheet HTML 3Page - Texas Instruments LM61 Datasheet HTML 4Page - Texas Instruments LM61 Datasheet HTML 5Page - Texas Instruments LM61 Datasheet HTML 6Page - Texas Instruments LM61 Datasheet HTML 7Page - Texas Instruments LM61 Datasheet HTML 8Page - Texas Instruments LM61 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
LM61
www.ti.com
SNIS121J – JUNE 1999 – REVISED NOVEMBER 2016
Product Folder Links: LM61
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DBZ Package
3-Pin SOT-23
Top View
LP Package
3-Pin TO-92
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
+VS
1
Power
Positive power supply pin.
VOUT
2
Output
Temperature sensor analog output.
GND
3
Ground
Device ground pin, connected to power supply negative terminal.
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
When the input voltage (VI) at any pin exceeds power supplies (VI < GND or VI > VS), the current at that pin must be limited to 5 mA.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage
12
–0.2
V
Output voltage
(+VS + 0.6)
–0.6
V
Output current
10
mA
Input current at any pin(2)
5
mA
Maximum junction temperature, TJ
125
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
The human body model is a 100-pF capacitor discharged through a 1.5-kΩ resistor into each pin.
(3)
The machine model is a 200-pF capacitor discharged directly into each pin.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2)
±2500
V
Machine Model (MM)(3)
±250
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
+VS
Supply voltage
2
10
V
T
Operating temperature
LM61C
–30
100
°C
LM61B
–25
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com