Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM61 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM61
Description  LM61 2.7-V, SOT-23 or TO-92 Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM61 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM61 Datasheet HTML 6Page - Texas Instruments LM61 Datasheet HTML 7Page - Texas Instruments LM61 Datasheet HTML 8Page - Texas Instruments LM61 Datasheet HTML 9Page - Texas Instruments LM61 Datasheet HTML 10Page - Texas Instruments LM61 Datasheet HTML 11Page - Texas Instruments LM61 Datasheet HTML 12Page - Texas Instruments LM61 Datasheet HTML 13Page - Texas Instruments LM61 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
R1
4.1V
R3
R2
0.1 PF
U3
LM4040
R4
VOUT
V+
VT
VTemp
+
-
U1
LM61
V+
U2
(Low = overtemp alarm)
VT1
VT2
VTEMP
VOUT
VT1 =
R1 + R2||R3
(4.1)R2
VT2 =
R2 + R1||R3
(4.1)R2||R3
LM7211
Copyright © 2016, Texas Instruments Incorporated
10
LM61
SNIS121J – JUNE 1999 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: LM61
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
8.2.1.3 Application Curve
Figure 14. Accuracy vs Temperature
8.2.2 Other Application Circuits
Figure 15 shows an application circuit example using the LM61 device. Customers must fully validate and test
any circuit before implementing a design based on an example in this section. Unless otherwise noted, the
design procedures in Typical Temperature Sensing Circuit are applicable.
Figure 15. Centigrade Thermostat
Figure 16. Conserving Power Dissipation with Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com