Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM61 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM61
Description  LM61 2.7-V, SOT-23 or TO-92 Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM61 Datasheet(HTML) 2 Page - Texas Instruments

  LM61 Datasheet HTML 1Page - Texas Instruments LM61 Datasheet HTML 2Page - Texas Instruments LM61 Datasheet HTML 3Page - Texas Instruments LM61 Datasheet HTML 4Page - Texas Instruments LM61 Datasheet HTML 5Page - Texas Instruments LM61 Datasheet HTML 6Page - Texas Instruments LM61 Datasheet HTML 7Page - Texas Instruments LM61 Datasheet HTML 8Page - Texas Instruments LM61 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
LM61
SNIS121J – JUNE 1999 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: LM61
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 3
6.1
Absolute Maximum Ratings ...................................... 3
6.2
ESD Ratings.............................................................. 3
6.3
Recommended Operating Conditions ....................... 3
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics........................................... 4
6.6
Typical Characteristics .............................................. 5
7
Detailed Description .............................................. 7
7.1
Overview ................................................................... 7
7.2
Functional Block Diagram ......................................... 7
7.3
Feature Description................................................... 7
7.4
Device Functional Modes.......................................... 7
8
Application and Implementation .......................... 8
8.1
Application Information.............................................. 8
8.2
Typical Applications .................................................. 8
9
Power Supply Recommendations ...................... 11
10
Layout................................................................... 11
10.1
Layout Guidelines ................................................. 11
10.2
Layout Examples................................................... 11
10.3
Thermal Considerations ........................................ 12
11
Device and Documentation Support ................. 14
11.1
Related Documentation......................................... 14
11.2
Receiving Notification of Documentation Updates 14
11.3
Community Resources.......................................... 14
11.4
Trademarks ........................................................... 14
11.5
Electrostatic Discharge Caution ............................ 14
11.6
Glossary ................................................................ 14
12
Mechanical, Packaging, and Orderable
Information ........................................................... 14
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision I (February 2013) to Revision J
Page
Added Device Information table, Device Comparison Table, Pin Configuration and Functions section, Specifications
section, ESD Ratings table, Detailed Description section, Application and Implementation section, Power Supply
Recommendations section, Layout section, Device and Documentation Support section, and Mechanical,
Packaging, and Orderable Information section ...................................................................................................................... 1
Added Thermal Information table ........................................................................................................................................... 4
Changed RθJA values for DBZ (SOT-23) From: 450°C/W To: 286.3°C/W and for LP (TO-92) From: 180°C/W To:
162.2°C/W .............................................................................................................................................................................. 4
Changes from Revision H (February 2013) to Revision I
Page
Changed layout of National Semiconductor Data Sheet to TI format .................................................................................... 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com