Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATC920C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ATC920C
Description  Rugged Construction
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATC920C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ATC920C Datasheet HTML 1Page - List of Unclassifed Manufacturers ATC920C Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ATC 920 C Capacitance Values
VRMS = 0.707 X WVDC
ATC PART NUMBER CODE
ATC 920 C 10 5
M W 100 T
Series
Case Size
Capacitance Code:
First 2 significant digits for capacitance.
Indicates number of zeros following digits
WVDC
of capacitance in picofarads except for decimal values.
Capacitance Tolerance
Termination Code
See Table at right
The above part number refers to a 920 C Series (case size C) 1.0 MFd capacitor, M tolerance (±20%), 100 WVDC, with W termination (solder plate) and Tape and Reel Packaging.
Packaging
T - Tape and Reel
S - Strip Tape
ATC accepts orders for our parts using designations with or without the “ATC” prefix. Both methods of defining the part number are equivalent, i.e., part numbers referenced with the “ATC” prefix are
interchangeable to parts referenced without the “ATC” prefix. Customers are free to use either in specifying or procuring parts from American Technical Ceramics.
For additional information and catalogs contact your ATC representative or call direct at (631) 622-4700.
ATC 920 C Capacitors: Mechanical Configurations
ATC
SERIES
& CASE
SIZE
ATC
TERM.
CODE
CASE SIZE
& TYPE
OUTLINES
W/T IS A
TERMINATION SURFACE
BODY DIMENSIONS – Inches (mm)
LENGTH
(L)
WIDTH
(W)
THICKNESS
(T)
OVERLAP
(Y)
MATERIALS
LEAD AND TERMINATION DIMENSIONS AND MATERIALS
920C
W
C
Solder Plate
0.22
+.020 -.010
(5.58
+0.51 -0.25)
.250 ±.01
(6.35 ±0.25)
.157 (3.98)
max.
.045 (1.14) max.
SOLDER PLATE
Nickel barrier, solder plated. Rugged
high performance termination for lower
cost, high volume applications
LT
W
Y
920C
T
C
Solderable
Nickel Barrier
0.22
+.020 -.010
(5.58
+0.51 -0.25)
.250 ±.01
(6.35 ±0.25)
.157 (3.98)
max.
.045 (1.14) max.
RoHS Compliant
Tin Plated over Nickel Barrier Termination
LT
W
Y
ATC 920 C Capacitors: Non-Magnetic Mechanical Configurations
ATC
SERIES
& CASE
SIZE
ATC
TERM.
CODE
CASE SIZE
& TYPE
OUTLINES
W/T IS A
TERMINATION SURFACE
BODY DIMENSIONS – Inches (mm)
LENGTH
(L)
WIDTH
(W)
THICKNESS
(T)
OVERLAP
(Y)
MATERIALS
LEAD AND TERMINATION DIMENSIONS AND MATERIALS
920C
CN
C
Non-Mag Chip
0.22
+.020 -.010
(5.58
+0.51 -0.25)
.250 ±.01
(6.35 ±0.25)
.157 (3.98)
max
.045 (1.14) max.
NON-MAGNETIC
PALLADIUM SILVER
TERMINATIONS
LT
W
Y
ATC has made every effort to have this information as accurate as possible. However, no responsibility is assumed by ATC for its use, nor for any infringements of
rights of third parties which may result from its use. ATC reserves the right to revise the content or modify its product line without prior notice.
©2002AmericanTechnicalCeramicsCorp.
CAPACITANCE
TOLERANCE
Code
K
M
Tol. ±10% ±20%
CAP. CODE
CAP. (MFd)
TOL.
RATED WVDC
CAP. CODE
CAP. (MFd)
TOL.
RATED WVDC
103
.010
K, M
300
224
.22
K, M
200
153
.015
334
.33
150
223
.022
474
.47
333
.033
250
684
.68
473
.047
824
82
100
683
.068
105
1.0
104
.10
200
154
.15
920C
TN
C
Non-Mag
Solderable
Nickel Barrier
0.22
+.020 -.010
(5.58
+0.51 -0.25)
.250 ±.01
(6.35 ±0.25)
.157 (3.98)
max.
.045 (1.14) max.
RoHS Compliant
Tin Plated over Non-Magnetic
Barrier Termination
LT
W
Y
A M E R I C A N
T E C H N I C A L
C E R A M I C S
www .atceramics.com
ATC North America
sales@atceramics.com
ATC Asia
sales@atceramics-asia.com
ATC Europe
saleseur@atceramics.com
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com