Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATC920C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ATC920C
Description  Rugged Construction
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATC920C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ATC920C Datasheet HTML 1Page - List of Unclassifed Manufacturers ATC920C Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ATC 920 C Series X7R
Ceramic RF Power
Multilayer Capacitors
• Case C Size
• Capacitance Range
(.250" x .250")
0.01
µF to 1 µF
• Low ESR/ESL
• Non Magnetic
• Rugged Construction
• High Reliability
• Manufactured for ATC
• Mid-K
• RoHS Compliant
ATC’s 920C Series MLC capacitors offer superior quality at a
competitive price. This MLC Series is manufactured for ATC in
accordance with ATC’s high quality standards. Ceramic construction
provides a rugged and reliable hermetic package. Available
termination styles include a standard solder plate over a nickel
barrier for most applications and palladium silver for non-magnetic
applications commonly used in medical electronics.
Typical functional applications: Bypass, Coupling, and DC Blocking.
Typical circuit applications: HF Amplifiers, Switching Mode Power
Supplies (SMPS), High Frequency SMPS Filters.
ENVIRONMENTAL TESTS
ATC 920 C Series Capacitors are designed and manufactured to
meet and exceed the requirements of EIA-198, MIL-PRF-55681 and
MIL-PRF-123.
THERMAL SHOCK:
MIL-STD-202, Method 107, Condition A.
MOISTURE RESISTANCE:
MIL-STD-202, Method 106.
LOW VOLTAGE HUMIDITY:
MIL-STD-202, Method 103, Condition A, with 1.5 Volts DC applied
while subjected to an environment of 85°C with 85% relative
humidity for 240 hours min.
LIFE TEST:
MIL-STD-202, Method 108, for 2000 hours, at 125°C.
200% WVDC applied.
ELECTRICAL AND MECHANICAL
SPECIFICATIONS
DISSIPATION FACTOR (DF): 2.5% max. at 1 KHz.
TEMPERATURE COEFFICIENT OF CAPACITANCE (TCC):
Less than ±15% (-55°C to +125°C)
INSULATION RESISTANCE (IR):
0.01 MFd to 1 MFd
1000 megohms min. @ +25°C at rated WVDC.
100 megohms min. @ +125°C at rated WVDC.
WORKING VOLTAGE (WVDC):
See Capacitance Values Table, page 2.
DIELECTRIC WITHSTANDING VOLTAGE (DWV):
Case C: 250% of rated WVDC for 5 secs.
AGING EFFECTS: 3% maximum per decade hour.
PIEZOELECTRIC EFFECTS: Negligible
DIELECTRIC ABSORPTION: 2% typical
OPERATING TEMPERATURE RANGE:
-55°C to +125°C (No derating of working voltage).
TERMINATION STYLE: W Termination – Solder Plate.
T Termination – Tin Plated over Nickel Barrier
TN Termination – Tin Plated over Non-Magnetic Barrier
CN Termination (Non-Magnetic) Palladium Silver
See Mechanical Configuration Table, page 2.
TERMINAL STRENGTH: Terminations for chips, withstand a
pull of 10 lbs. min., 15 lbs. typical, for 5 seconds in direction
perpendicular to the termination surface of the capacitor. Test
per MIL-STD-202, method 211.
ATC#001-959
RevD;4/12


Similar Part No. - ATC920C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATC900C ETC2-ATC900C Datasheet
182Kb / 6P
Available with Encapsulation Option
ATC900C105MW100XC ETC2-ATC900C105MW100XC Datasheet
182Kb / 6P
Available with Encapsulation Option
ATC900C105MW100XI ETC2-ATC900C105MW100XI Datasheet
182Kb / 6P
Available with Encapsulation Option
ATC900C105MW100XT ETC2-ATC900C105MW100XT Datasheet
182Kb / 6P
Available with Encapsulation Option
More results

Similar Description - ATC920C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ABS1699 ETC2-ABS1699 Datasheet
1Mb / 3P
Durable, rugged construction
ARINC404A ETC2-ARINC404A Datasheet
658Kb / 3P
Durable, rugged construction
ATC200B ETC2-ATC200B Datasheet
247Kb / 6P
Rugged Construction
logo
M/A-COM Technology Solu...
MADP-042XX8-13060 MA-COM-MADP-042XX8-13060_15 Datasheet
669Kb / 5P
Rugged Silicon-Glass Construction
logo
Ohmite Mfg. Co.
RES-50 OHMITE-RES-50 Datasheet
508Kb / 2P
Rugged construction
RES-OD-OF-OA OHMITE-RES-OD-OF-OA Datasheet
303Kb / 2P
Rugged construction
logo
TT Electronics.
TD4 TTELEC-TD4 Datasheet
306Kb / 2P
rugged construction
logo
EUROQUARTZ limited
T1235 EUROQUARTZ-T1235 Datasheet
93Kb / 1P
Rugged construction SMD TCXO
logo
Linx Technologies
ANT-315-HETH LINX-ANT-315-HETH Datasheet
445Kb / 2P
Rugged phosphor-bronze construction
5/16/16
logo
Ultralife Corporation.
UBBL03 ULTRALIFE-UBBL03 Datasheet
501Kb / 2P
Rugged case construction
Rev: L
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com