Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LR1
Description  Leaded Chip Resistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LR1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LR1 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A T C H I G H P O W E R R E S I S T I V E P R O D U C T S
L
W
T
.250TYP.
.080MAX.
.004TYP.
A
0
20
40
60
80
100%
+25˚C
-25˚C
0˚C
-50˚C
150˚C
125˚C
100˚C
75˚C
+50˚C
Heat Sink Temperature (C)
Rated Safe Operating Range
Leaded Chip Resistors
Style LR1
General Specifications
• Resistance: 100 Ω standard,
(other Ω values available)
• Resistive Tolerance: ±5% standard
(2% Available)
• Operating Temp. Range: -55˚C to +150˚C
• Temperature Coefficient: <150 ppm/˚C
• Resistive Elements: Proprietary Thin Film
• Substrate Material: Aluminum Nitride
• Lead Terminals: Silver
• Cover: Alumina
• Lead-Free, RoHS Compliant
• Reliability: MIL-PRF-55342
• Non-Magnetic
Power Derating
LR1 2010 T xxxx J BK
Case Style
Case Size
Termination
Packaging
TR - Tape & Reel
BK - Plastic Carrier
Tolerance
See table below.
Value
ATC Part Number Code
Resistive Tolerances
Code
G (%)
J (%)
Tol.
± 2
± 5
* xxxx denotes Ohm value.
** Test Condition: Chip soldered to a large copper carrier whose surface is at 100
° C; maximum rated power applied.
Specification: The resistance of the film shall change no more than 0.5% during and after a 1000-hr. Burn-in per MIL-PRF-55342
ATC
Part Number*
W
±.010
L
±.010
T
±.005
A
Capacitance
(pF)
Power Max**
(Watts)
LR12010TxxxxJ
.100
.200
.040
.040
1.0
30W
LR12335TxxxxJ
.350
.230
.040
.040
3.15
50W
LR12525TxxxxJ
.245
.245
.040
.040
2.0
60W
LR12335TxxxxJ01
.350
.230
.040
.040
3.15
100W
LR13725TxxxxJ
.250
.375
.040
.040
4.15
150W
LR13725TxxxxJ01
.250
.375
.040
.120
4.15
150W
LR13737TxxxxJ
.370
.370
.040
.040
6.0
250W
LR13737TxxxxJ01
.370
.370
.040
.120
6.0
250W
A M E R I C A N
T E C H N I C A L
C E R A M I C S
www .atceramics.com
ATC North America
sales@atceramics.com
ATC Asia
sales@atceramics-asia.com
ATC Europe
saleseur@atceramics.com
Sales of ATC products are subject to the terms and conditions contained in American Technical Ceramics Corp. Terms and Conditions of Sale (ATC document #001-992 Rev. B 12/05).
Copies of these terms and conditions will be provided upon request. They may also be viewed on ATC's website at www.atceramics.com/productfinder/default.asp. Click on the link
for Terms and Conditions of Sale.
ATC has made every effort to have this information as accurate as possible. However, no responsibility is assumed by ATC for its use, nor for any infringements of rights of third
parties which may result from its use. ATC reserves the right to revise the content or modify its product without prior notice.
© 2012 American Technical Ceramics Corp. All Rights Reserved.
Excerpt from ATC # 001-944; Rev. R, 11/13


Similar Part No. - LR1

ManufacturerPart #DatasheetDescription
logo
PATLITE CORPORATION.
LR10-001 PATLITE-LR10-001 Datasheet
126Kb / 1P
Head Cover S
Rev. A
LR10-02WJNW PATLITE-LR10-02WJNW Datasheet
891Kb / 9P
Signal Tower
Rev. C
LR10-02WMNW PATLITE-LR10-02WMNW Datasheet
891Kb / 9P
Signal Tower
Rev. C
LR10-102WJBW PATLITE-LR10-102WJBW Datasheet
891Kb / 9P
Signal Tower
Rev. C
LR10-102WJBW-RYG PATLITE-LR10-102WJBW-RYG Datasheet
891Kb / 9P
Signal Tower
Rev. C
More results

Similar Description - LR1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MRS16 ETC1-MRS16 Datasheet
121Kb / 4P
Professional leaded resistors
logo
Vishay Siliconix
UXA0204 VISHAY-UXA0204 Datasheet
154Kb / 9P
High Precision Leaded Resistors
21-Aug-07
logo
List of Unclassifed Man...
MBA0204 ETC2-MBA0204 Datasheet
904Kb / 16P
Professional leaded resistors
logo
Tyco Electronics
H8100RBYB MACOM-H8100RBYB Datasheet
196Kb / 4P
Axial Leaded Precision Resistors
logo
KOA Speer Electronics, ...
CFS14C852R103J KOA-CFS14C852R103J Datasheet
274Kb / 2P
carbon film leaded resistors
logo
Vishay Siliconix
MRS25000C3011FCT00 VISHAY-MRS25000C3011FCT00 Datasheet
170Kb / 3P
Professional Leaded Resistors
20-Feb-08
logo
Tyco Electronics
H8221RBYA MACOM-H8221RBYA Datasheet
196Kb / 4P
Axial Leaded Precision Resistors
logo
Vishay Siliconix
MRS25000C1003FCT00 VISHAY-MRS25000C1003FCT00 Datasheet
170Kb / 3P
Professional Leaded Resistors
20-Feb-08
MRS25000C7681FCT00 VISHAY-MRS25000C7681FCT00 Datasheet
170Kb / 3P
Professional Leaded Resistors
20-Feb-08
AC-AT VISHAY-AC-AT Datasheet
204Kb / 12P
Cemented Leaded Wirewound Resistors
14-Mar-17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com