Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR03BKS-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADR03BKS-R2
Description  Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR03BKS-R2 Datasheet(HTML) 4 Page - Analog Devices

  ADR03BKS-R2 Datasheet HTML 1Page - Analog Devices ADR03BKS-R2 Datasheet HTML 2Page - Analog Devices ADR03BKS-R2 Datasheet HTML 3Page - Analog Devices ADR03BKS-R2 Datasheet HTML 4Page - Analog Devices ADR03BKS-R2 Datasheet HTML 5Page - Analog Devices ADR03BKS-R2 Datasheet HTML 6Page - Analog Devices ADR03BKS-R2 Datasheet HTML 7Page - Analog Devices ADR03BKS-R2 Datasheet HTML 8Page - Analog Devices ADR03BKS-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADR01/ADR02/ADR03/ADR06
Data Sheet
Rev. R | Page 4 of 20
SPECIFICATIONS
ADR01 ELECTRICAL CHARACTERISTICS
VIN = 12.0 V to 36.0 V, VIN = 12.0 V to 24.0 V for ADR01WARZ, TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
OUTPUT VOLTAGE
VO
A and C grades
9.990
10.000
10.010
V
INITIAL ACCURACY
VOERR
A and C grades
10
mV
0.1
%
OUTPUT VOLTAGE
VO
B grade
9.995
10.000
10.005
V
INITIAL ACCURACY
VOERR
B grade
5
mV
0.05
%
OUTPUT VOLTAGE
VO
ADR01WARZ
9.986
10.000
10.014
V
INITIAL ACCURACY
VOERR
ADR01WARZ
14
mV
0.14
%
A grade, 8-lead SOIC, −40°C < TA < +125°C
3
10
ppm/°C
A grade, 5-lead TSOT, –40°C < TA < +125°C
25
ppm/°C
A grade, 5-lead SC70, –40°C < TA < +125°C
25
ppm/°C
B grade, 8-lead SOIC, –40°C < TA < +125°C
1
3
ppm/°C
B grade, 5-lead TSOT, –40°C < TA < +125°C
9
ppm/°C
B grade, 5-lead SC70, –40°C < TA < +125°C
9
ppm/°C
C grade, 8-lead SOIC, –40°C < TA < +125°C
10
40
ppm/°C
DROPOUT VOLTAGE
VDO
2
V
LINE REGULATION
∆VO/∆VIN
VIN = 12.0 V to 36.0 V, VIN = 12.0 V to 26.0 V for
ADR01WARZ, –40°C < TA < +125°C
7
30
ppm/V
LOAD REGULATION
∆VO/∆ILOAD
ILOAD = 0 mA to 10 mA, –40°C < TA < +125°C,
VIN = 15.0 V
40
70
ppm/mA
QUIESCENT CURRENT
IIN
No load, –40°C < TA < +125°C
0.65
1
mA
VOLTAGE NOISE
eN p-p
0.1 Hz to 10.0 Hz
20
µV p-p
VOLTAGE NOISE DENSITY
eN
1 kHz
510
nV/√Hz
TURN-ON SETTLING TIME
tR
4
µs
LONG-TERM STABILITY1
∆VO
1000 hours
50
ppm
OUTPUT VOLTAGE HYSTERESIS
∆VO_HYS
70
ppm
RIPPLE REJECTION RATIO
RRR
fIN = 10 kHz
−75
dB
SHORT CIRCUIT TO GND
ISC
30
mA
TEMPERATURE SENSOR
Voltage Output at TEMP Pin
VTEMP
550
mV
Temperature Sensitivity
TCVTEMP
1.96
mV/°C
1
The long-term stability specification is noncumulative. The drift in subsequent 1000 hour periods is significantly lower than in the first 1000 hour period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com