Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR03BKS-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADR03BKS-R2
Description  Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR03BKS-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADR03BKS-R2 Datasheet HTML 1Page - Analog Devices ADR03BKS-R2 Datasheet HTML 2Page - Analog Devices ADR03BKS-R2 Datasheet HTML 3Page - Analog Devices ADR03BKS-R2 Datasheet HTML 4Page - Analog Devices ADR03BKS-R2 Datasheet HTML 5Page - Analog Devices ADR03BKS-R2 Datasheet HTML 6Page - Analog Devices ADR03BKS-R2 Datasheet HTML 7Page - Analog Devices ADR03BKS-R2 Datasheet HTML 8Page - Analog Devices ADR03BKS-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Ultracompact, Precision
10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Data Sheet
ADR01/ADR02/ADR03/ADR06
Rev. R
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2002–2012 Analog Devices, Inc. All rights reserved.
FEATURES
Ultracompact SC70 and TSOT packages
Low temperature coefficient
8-lead SOIC: 3 ppm/°C
5-lead SC70: 9 ppm/°C
5-lead TSOT: 9 ppm/°C
Initial accuracy ±0.1%
No external capacitor required
Low noise 10 µV p-p (0.1 Hz to 10.0 Hz)
Wide operating range
ADR01: 12.0 V to 36.0 V
ADR02: 7.0 V to 36.0 V
ADR03: 4.5 V to 36.0 V
ADR06: 5.0 V to 36.0 V
High output current 10 mA
Wide temperature range: −40°C to +125°C
ADR01/ADR02/ADR03 pin compatible to industry-
standard REF01/REF02/REF03
ADR01, ADR02, ADR03 and ADR06 SOIC qualified for
automotive applications
APPLICATIONS
Precision data acquisition systems
High resolution converters
Industrial process control systems
Precision instruments
Auto battery monitoring
PCMCIA cards
PIN CONFIGURATIONS
5
4
1
3
2
VOUT
TRIM
VIN
TEMP
GND
TOP VIEW
(Not to Scale)
ADR01/
ADR02/
ADR03/
ADR06
Figure 1. 5-Lead, SC70/TSOT Surface-Mount Packages
TOP VIEW
(Not to Scale)
8
6
1
NIC
3
2
ADR01/
ADR02/
ADR03/
ADR06
VOUT
7
5
4
TRIM
NIC
NIC
VIN
TEMP
GND
NOTES
1. NIC = NO INTERNAL CONNECT.
Figure 2. 8-Lead, SOIC Surface-Mount Package
GENERAL DESCRIPTION
The ADR01, ADR02, ADR03, and ADR06 are precision 10.0 V,
5.0 V, 2.5 V, and 3.0 V band gap voltage references featuring high
accuracy, high stability, and low power consumption. The parts
are housed in tiny, 5-lead SC70 and TSOT packages, as well as
in 8-lead SOIC versions. The SOIC versions of the ADR01,
ADR02, and ADR03 are drop-in replacements1 to the industry-
standard REF01, REF02, and REF03. The small footprint and
wide operating range make the ADR0x references ideally suited
for general-purpose and space-constrained applications.
With an external buffer and a simple resistor network, the
TEMP terminal can be used for temperature sensing and
approximation. A TRIM terminal is provided on the devices for
fine adjustment of the output voltage.
The ADR01, ADR02, ADR03, and ADR06 are compact, low
drift voltage references that provide an extremely stable output
voltage from a wide supply voltage range. They are available in
5-lead SC70 and TSOT packages, and 8-lead SOIC packages
with A, B, and C grade selections. All parts are specified over
the extended industrial (–40°C to +125°C) temperature range.
The ADR01, ADR02, ADR03, and ADR06 A grade in 8-lead
SOIC are qualified for automotive applications.
Table 1. Selection Guide
Part Number
Output Voltage
ADR01
10.0 V
ADR02
5.0 V
ADR03
2.5 V
ADR06
3.0 V
1
ADR01, ADR02, and ADR03 are component-level compatible with REF01, REF02, and REF03, respectively. No guarantees for system-level compatibility are implied.
SOIC versions of ADR01/ADR02/ADR03 are pin-to-pin compatible with 8-lead SOIC versions of REF01/REF02/REF03, respectively, with the additional temperature
monitoring function.


Similar Part No. - ADR03BKS-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR03BKS-R2 AD-ADR03BKS-R2 Datasheet
523Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage Reerences
Rev. R
More results

Similar Description - ADR03BKS-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR03BKSZ-REEL7 AD-ADR03BKSZ-REEL7 Datasheet
511Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR03ARZ AD-ADR03ARZ Datasheet
511Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR01 AD-ADR01_12 Datasheet
511Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
REF01CS-REEL7 AD-REF01CS-REEL7 Datasheet
507Kb / 20P
Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
5962-8958101PA AD-5962-8958101PA Datasheet
507Kb / 20P
Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
ADR03BKS-R2 AD-ADR03BKS-R2 Datasheet
523Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage Reerences
Rev. R
ADR01 AD-ADR01_15 Datasheet
511Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR02 AD-ADR02_15 Datasheet
511Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR03 AD-ADR03_15 Datasheet
511Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR06 AD-ADR06_15 Datasheet
511Kb / 20P
Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com