Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1706ARDZ-1.8-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP1706ARDZ-1.8-R7
Description  1 A, Low Dropout, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1706ARDZ-1.8-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP1706ARDZ-1.8-R7 Datasheet HTML 5Page - Analog Devices ADP1706ARDZ-1.8-R7 Datasheet HTML 6Page - Analog Devices ADP1706ARDZ-1.8-R7 Datasheet HTML 7Page - Analog Devices ADP1706ARDZ-1.8-R7 Datasheet HTML 8Page - Analog Devices ADP1706ARDZ-1.8-R7 Datasheet HTML 9Page - Analog Devices ADP1706ARDZ-1.8-R7 Datasheet HTML 10Page - Analog Devices ADP1706ARDZ-1.8-R7 Datasheet HTML 11Page - Analog Devices ADP1706ARDZ-1.8-R7 Datasheet HTML 12Page - Analog Devices ADP1706ARDZ-1.8-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADP1706/ADP1707/ADP1708
Rev. 0 | Page 9 of 20
CSS (nF)
18
0
02
5
40
–55
2.7
3.2
3.7
4.2
4.7
VIN (V)
16
14
12
10
8
6
4
2
510
15
20
Figure 22. Output Voltage Ramp-Up Time vs. Soft Start Capacitor Value
0
–90
10
10M
FREQUENCY (Hz)
100
1k
10k
100k
1M
–10
–20
–30
–40
–50
–60
–70
–80
VRIPPLE = 50mV
VIN = 5V
VOUT = 3.3V
COUT = 4.7μF
ILOAD = 300mA
ILOAD = 200mA
ILOAD = 100mA
ILOAD = 10mA
ILOAD = 1mA
ILOAD = 100µA
Figure 23. ADP1706 Power Supply Rejection Ratio vs. Frequency
0
–90
10
10M
FREQUENCY (Hz)
100
1k
10k
100k
1M
–10
–20
–30
–40
–50
–60
–70
–80
VRIPPLE = 50mV
VIN = 5V
VOUT = 0.8V
COUT = 4.7μF
ILOAD = 300mA
ILOAD = 200mA
ILOAD = 100mA
ILOAD = 10mA
ILOAD = 1mA
ILOAD = 100µA
Figure 24. ADP1708 Power Supply Rejection Ratio vs. Frequency
–45
–50
VOUT = 2.4V
VOUT = 1.6V
VOUT = 0.8V
VRIPPLE = 50mV
ILOAD = 10mA
COUT = 4.7μF
FREQUENCY = 10kHz
Figure 25. ADP1708 Power Supply Rejection Ratio vs. Input Voltage
–35
–55
0.8
4.3
VOUT (V)
–40
–45
–50
1.3
1.8
2.3
2.8
3.3
3.8
VRIPPLE = 50mV
VIN = 5V
ILOAD = 10mA
COUT = 4.7μF
FREQUENCY = 10kHz
Figure 26. ADP1708 Power Supply Rejection Ratio vs. Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com