Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1706ARDZ-1.8-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP1706ARDZ-1.8-R7
Description  1 A, Low Dropout, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1706ARDZ-1.8-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP1706ARDZ-1.8-R7 Datasheet HTML 8Page - Analog Devices ADP1706ARDZ-1.8-R7 Datasheet HTML 9Page - Analog Devices ADP1706ARDZ-1.8-R7 Datasheet HTML 10Page - Analog Devices ADP1706ARDZ-1.8-R7 Datasheet HTML 11Page - Analog Devices ADP1706ARDZ-1.8-R7 Datasheet HTML 12Page - Analog Devices ADP1706ARDZ-1.8-R7 Datasheet HTML 13Page - Analog Devices ADP1706ARDZ-1.8-R7 Datasheet HTML 14Page - Analog Devices ADP1706ARDZ-1.8-R7 Datasheet HTML 15Page - Analog Devices ADP1706ARDZ-1.8-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADP1706/ADP1707/ADP1708
Rev. 0 | Page 12 of 20
APPLICATION INFORMATION
CAPACITOR SELECTION
Output Capacitor
The ADP1706/ADP1707/ADP1708 are designed for operation
with small, space-saving ceramic capacitors, but they function
with most commonly used capacitors as long as care is taken with
the effective series resistance (ESR) value. The ESR of the output
capacitor affects stability of the LDO control loop. A minimum of
4.7 μF capacitance with an ESR of 500 mΩ or less is recommended
to ensure stability of the ADP1706/ADP1707/ADP1708. Transient
response to changes in load current is also affected by output
capacitance. Using a larger value of output capacitance improves
the transient response of the ADP1706/ADP1707/ADP1708 to
large changes in load current. Figure 33 and Figure 34 show the
transient responses for output capacitance values of 4.7 μF and
22 μF, respectively.
TIME (2μs/DIV)
VIN = 3.8V
VOUT = 1.6V
CIN = 4.7μF
COUT = 4.7μF
VOUT RESPONSE TO LOAD STEP
FROM 50mA TO 950mA
Figure 33. Output Transient Response, COUT = 4.7 μF
TIME (2μs/DIV)
VIN = 3.8V
VOUT = 1.6V
CIN = 22μF
COUT = 22μF
VOUT RESPONSE TO LOAD STEP
FROM 50mA TO 950mA
Figure 34. Output Transient Response, COUT = 22 μF
Input Bypass Capacitor
Connecting a 4.7 μF capacitor from the IN pin to GND reduces
the circuit sensitivity to the printed circuit board (PCB) layout,
especially when long input traces, or high source impedance,
is encountered. If greater than 4.7 μF of output capacitance is
required, it is recommended that the input capacitor be increased
to match it.
Input and Output Capacitor Properties
Any good quality ceramic capacitors can be used with the
ADP1706/ADP1707/ADP1708, as long as they meet the
minimum capacitance and maximum ESR requirements.
Ceramic capacitors are manufactured with a variety of dielec-
trics, each with different behavior over temperature and applied
voltage. Capacitors must have a dielectric adequate to ensure
the minimum capacitance over the necessary temperature range
and dc bias conditions. X5R or X7R dielectrics with a voltage
rating of 6.3 V or 10 V are recommended. Y5V and Z5U
dielectrics are not recommended, due to their poor temperature
and dc bias characteristics.
VOLTAGE TRACKING APPLICATIONS
SS
TRK
IN
EN
IN
EN
OUT
OUT
RATIO VOLTAGE TRACKING
GND
GND
CORE RAIL
RATIO
TRACKING
I/O POWER RAIL
TIME
VOUT
2.5V
1.2V
1.2V
2.5V
5V
R1
R2
ADP1706-2.5
ADP1707-1.2
Figure 35. Voltage Tracking Feature Using ADP1707
Figure 35 shows an application where the ADP1707 tracking
feature is used. An ADP1706 powers the I/O of a microproces-
sor and an ADP1707 powers the core. At startup, the output of
the ADP1706 ramps to 2.5 V, which is divided down via a
voltage divider (R1 and R2) to a lower voltage at the TRK pin of
the ADP1707. The output of the ADP1707 thus follows the
TRK pin and ramps up steadily to 1.2 V. This implementation
ensures that the core of the processor powers up after the I/O.
CURRENT LIMIT AND THERMAL OVERLOAD
PROTECTION
The ADP1706/ADP1707/ADP1708 are protected against
damage due to excessive power dissipation by current and
thermal overload protection circuits. The ADP1706/ADP1707/
ADP1708 are designed to reach current limit when the output
load reaches 1.5 A (typical). When the output load exceeds
1.5 A, the output voltage is reduced to maintain a constant
current limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com