Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2167-1RMZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # SSM2167-1RMZ-R7
Description  Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2167-1RMZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  SSM2167-1RMZ-R7 Datasheet HTML 1Page - Analog Devices SSM2167-1RMZ-R7 Datasheet HTML 2Page - Analog Devices SSM2167-1RMZ-R7 Datasheet HTML 3Page - Analog Devices SSM2167-1RMZ-R7 Datasheet HTML 4Page - Analog Devices SSM2167-1RMZ-R7 Datasheet HTML 5Page - Analog Devices SSM2167-1RMZ-R7 Datasheet HTML 6Page - Analog Devices SSM2167-1RMZ-R7 Datasheet HTML 7Page - Analog Devices SSM2167-1RMZ-R7 Datasheet HTML 8Page - Analog Devices SSM2167-1RMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
SSM2167
Rev. G | Page 3 of 12
SPECIFICATIONS
VS = 3.0 V, f = 1 kHz, RL = 100 kΩ, RCOMP = 0 Ω, TA = 25°C, VIN = 100 mV rms, RGATE = 2 kΩ, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
AUDIO SIGNAL PATH
Voltage Noise Density
en
10:1 compression
20
nV/√Hz
Noise
20 kHz bandwidth, VIN = GND
−70
dBV
Total Harmonic Distortion + Noise
THD + N
VIN = 100 mV rms
0.2
%
Input Impedance
ZIN
100
kΩ
Output Impedance
ZOUT
145
Load Drive
Minimum resistive load
5
kΩ
Maximum capacitive load
2
nF
Input Voltage Range
0.4% THD + N
600
mV rms
Output Voltage Range
0.4% THD + N
700
mV rms
Gain Bandwidth Product
1:1 compression, VCA G = 18 dB
1
MHz
CONTROL SECTION
VCA Dynamic Gain Range
40
dB
VCA Fixed Gain
18
dB
Compression Ratio, Minimum
1:1
Compression Ratio, Maximum
See Table 4 for RCOMP
10:1
Rotation Point
63
mV rms
Noise Gate Range
Maximum threshold
−40
dBV
POWER SUPPLY
Supply Voltage
VSY
2.5
5.5
V
Supply Current
ISY
2.3
5
mA
DC Output Voltage
1.4
V
Power Supply Rejection Ratio
PSRR
VSY = 2.5 V to 6 V
45
dB
SHUTDOWN
Supply Current
ISY
Pin 3 = GND
2
8
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com