Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2167-1RMZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # SSM2167-1RMZ-R7
Description  Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2167-1RMZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  SSM2167-1RMZ-R7 Datasheet HTML 1Page - Analog Devices SSM2167-1RMZ-R7 Datasheet HTML 2Page - Analog Devices SSM2167-1RMZ-R7 Datasheet HTML 3Page - Analog Devices SSM2167-1RMZ-R7 Datasheet HTML 4Page - Analog Devices SSM2167-1RMZ-R7 Datasheet HTML 5Page - Analog Devices SSM2167-1RMZ-R7 Datasheet HTML 6Page - Analog Devices SSM2167-1RMZ-R7 Datasheet HTML 7Page - Analog Devices SSM2167-1RMZ-R7 Datasheet HTML 8Page - Analog Devices SSM2167-1RMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
SSM2167
Rev. G | Page 5 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
100
10
1
0
500
1000
1500
2000
2500
3000
3500
RGATE (Ω)
TA = 25°C
V+ = 3V
RLOAD = 100kΩ
COMPRESSION RATIO 2:1
ROTATION POINT = 63mV rms
Figure 3. Noise Gate vs. RGATE
1
0.1
0.01
20
100
1k
10k
30k
FREQUENCY (Hz)
TA = 25°C
V+ = 3V
VIN = 24.5mV rms
COMPRESSION RATIO 1:1
ROTATION POINT = 63mV rms
NOISE GATE SETTING = 2mV rms
Figure 4. THD + N vs. Frequency
35
30
25
20
15
10
5
0
–5
–10
–15
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VIN = 2mV rms
RCOMP = 175kΩ
ROTATION POINT = 63mV rms
NOISE GATE SETTING = 2mV rms
Figure 5. GBW Curves vs. VCA Gain
1
0.1
0.01
0.01
0.1
1
INPUT VOLTAGE (V rms)
TA = 25°C
V+ = 3V
VIN FREQUENCY = 1kHz
RLOAD = 100kΩ
COMPRESSION RATIO 1:1
ROTATION POINT = 63mV rms
NOISE GATE SETTING = 2mV rms
Figure 6. THD + N vs. Input Voltage
0
–80
–70
–60
–50
–40
–30
–20
–10
–80
–70
–60
–50
–40
–30
–20
–10
INPUT (dBV)
COMPRESSION RATIO 10:1
COMPRESSION RATIO 5:1
COMPRESSION RATIO 2:1
COMPRESSION RATIO 1:1
TA = 25°C
V+ = 3V
RLOAD = 100kΩ
ROTATION POINT = 63mV rms
NOISE GATE SETTING = 2mV rms
Figure 7. Output vs. Input Characteristics
–10
–80
–70
–60
–50
–40
–30
–20
10
100
1k
10k
100k
FREQUENCY (Hz)
V+ = 3V + 0.1
RGATE = 5kΩ
RCOMP = 0Ω
Figure 8. PSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com